Electronic Components Datasheet Search
  English  ▼

X  

HLS27 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # HLS27
Description  HLS27 Hazardous Location LED Strip Light
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

HLS27 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  HLS27 Datasheet HTML 1Page - Banner Engineering Corp. HLS27 Datasheet HTML 2Page - Banner Engineering Corp. HLS27 Datasheet HTML 3Page - Banner Engineering Corp. HLS27 Datasheet HTML 4Page - Banner Engineering Corp. HLS27 Datasheet HTML 5Page - Banner Engineering Corp. HLS27 Datasheet HTML 6Page - Banner Engineering Corp. HLS27 Datasheet HTML 7Page - Banner Engineering Corp. HLS27 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
L4
50.0
[1.97]
Models
L4
HLS27..0145..
168 mm (6.6 in)
HLS27..0285..
309 mm (12.2 in)
HLS27..0430..
450 mm (17.7 in)
HLS27..0570..
591 mm (23.3 in)
HLS27..0710..
732 mm (28.8 in)
HLS27..0850..
873 mm (34.4 in)
HLS27..0990..
1014 mm (39.9 in)
HLS27..1130..
1155 mm (45.5 in)
Optional Mounting Hardware (LMBHLS27O – 2 Brackets and Hardware) Purchased Separately
When using the optional mounting hardware, the head of the fastener used must not exceed 5.0 mm (0.2 inches)
in height. Fasteners exceeding this height could damage the light housing during impact situations.
When using the optional mounting hardware, the supplied spacer must be used with the bolt to maintain the
correct bracket shape. This shape is critical for the bracket to provide the required impact protection.
The stainless-steel bracket is designed to be used with M5 or #10 stainless-steel hardware.
Models
L4
HLS27..0145..
168 mm (6.6 in)
HLS27..0285..
309 mm (12.2 in)
HLS27..0430..
450 mm (17.7 in)
HLS27..0570..
591 mm (23.3 in)
HLS27..0710..
732 mm (28.8 in)
HLS27..0850..
873 mm (34.4 in)
HLS27..0990..
1014 mm (39.9 in)
HLS27..1130..
1155 mm (45.5 in)
L4
Light Anti-Rotation Pads
In applications where vibration is a concern or when light orientation is critical, use anti-rotation pads to prevent the light from rotating within the
mounting brackets. Light rotation caused by vibration may be more pronounced with longer length lights.
Attach the anti-rotation pads to the brackets, as shown in the figures, with the adhesive side applied to the bracket.
Figure 1. Included Mounting Hardware with Anti-Rotation Pads
Note: When using the optional mounting hardware, cut the anti-
rotation pad and apply it to both sides of the mounting bracket as
shown.
Figure 2. Optional Mounting Hardware with Anti-Rotation Pads
HLS27 Hazardous Location LED Strip Light
P/N 197949 Rev. B
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com