Electronic Components Datasheet Search
  English  ▼

X  

M12FTH4Q Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # M12FTH4Q
Description  Sure Cross Performance Node
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

M12FTH4Q Datasheet(HTML) 2 Page - Banner Engineering Corp.

  M12FTH4Q Datasheet HTML 1Page - Banner Engineering Corp. M12FTH4Q Datasheet HTML 2Page - Banner Engineering Corp. M12FTH4Q Datasheet HTML 3Page - Banner Engineering Corp. M12FTH4Q Datasheet HTML 4Page - Banner Engineering Corp. M12FTH4Q Datasheet HTML 5Page - Banner Engineering Corp. M12FTH4Q Datasheet HTML 6Page - Banner Engineering Corp. M12FTH4Q Datasheet HTML 7Page - Banner Engineering Corp. M12FTH4Q Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Use the DIP switches or the User Configuration Tool (UCT) software to set the sample rate. The recommended sample/
report rate for 10 to 30 V dc powered devices is 5 seconds.
To activate fast sample mode, single-click button 1. LED 2 is on (amber) during the fast sample mode. To exit fast sample
mode and turn off the LCD, click button 2 five times. This behavior is available with radio firmware versions 5.3 and
higher.
Sensors with a Serial Interface
The following sensors are designed to be used with any of the 1-Wire Serial Interface Nodes.
Models
Description
Datasheet
M12FTH4Q
Temperature and Humidity Sensor, ±2% Accuracy, 1-wire serial interface
(Requires a 5-pin threaded M12/Euro-style double-ended cordset less than 3
meters long, such as model DEE2R-5xD.)
162669
M12FT4Q
Temperature Sensor with 1-wire serial interface
(Requires a 5-pin threaded M12/Euro-style double-ended cordset less than 3
meters long, such as model DEE2R-5xD.)
QS30WEQ
WORLD-BEAM Photoelectric Emitter, QS30 (Max Range: 100 feet, 10x excess
gain at 50 feet), 1-wire serial interface
140987
QS30WRQ
WORLD-BEAM Photoelectric Receiver, QS30 (Max Range: 100 feet, 10x excess
gain at 50 feet), 1-wire serial interface
QM42VT1
Vibration and Temperature Sensor with 1-wire serial interface
186209
K50UX1RA
U-GAGE Ultrasonic Sensor with 1-wire serial interface
191599
Configuration Instructions
Setting Up Your Wireless Network
To set up and install your wireless network, follow these steps.
Disconnect the power from your Sure Cross devices.
1. Configure the DIP switches of all devices.
2. If your device has I/O, connect the sensors to the Sure Cross devices. If your device does not have I/O, skip this step.
3. Refer to the wiring diagrams to apply power to all devices.
•
For two LED models, the Gateway's LED 1 is solid green and the Node's LED 2 flashes red to indicate there is no
radio link to the Gateway.
•
For one LED models, the Gateway's LED is solid green and the Node's LED flashes red to indicate there is no radio
link to the Gateway.
4. Form the wireless network by binding the Nodes to the Gateway. If the binding instructions are not included in the
datasheet, refer to the product manual for binding instructions.
5. Observe the LED behavior to verify the devices are communicating with each other.
•
For two LED models, the Gateway's LED 1 is solid green and the Node's LED 1 flashes green to indicate it is
communicating with the Gateway.
•
For one LED models, the Gateway's LED is solid green and the Node's LED flashes green to indicate it is
communicating with the Gateway.
Sure Cross® Performance Node
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 157189 Rev. I



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com