Electronic Components Datasheet Search
  English  ▼

X  

QM30VT2 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # QM30VT2
Description  Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QM30VT2 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  QM30VT2 Datasheet HTML 1Page - Banner Engineering Corp. QM30VT2 Datasheet HTML 2Page - Banner Engineering Corp. QM30VT2 Datasheet HTML 3Page - Banner Engineering Corp. QM30VT2 Datasheet HTML 4Page - Banner Engineering Corp. QM30VT2 Datasheet HTML 5Page - Banner Engineering Corp. QM30VT2 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Modbus Register
Alias Address
Modbus Register
Address
Description
I/O Range
Holding Register Representation
Min
Max
Min (dec)
Max (dec)
45202
42403
Z-Axis RMS Velocity (mm/sec) 2, 5
0
65.535
0
65535
45203
40049
Temperature (°F) 3
–327.68
327.67
–32768
32767
45204
40043
Temperature (°C) 3
–327.68
327.67
–32768
32767
45205
42451
X-Axis RMS Velocity (in/sec) 1, 5
0
6.5535
0
65535
45206
42453
X-Axis RMS Velocity (mm/sec) 2, 5
0
65.535
0
65535
45207
42407
Z-Axis Peak Acceleration (G) 2, 6
0
65.535
0
65535
45208
42457
X-Axis Peak Acceleration (G) 2, 6
0
65.535
0
65535
45209
42405
Z-Axis Peak Velocity Component Frequency (Hz) 4,
5
0
6553.5
0
65535
45210
42455
X-Axis Peak Velocity Component Frequency (Hz) 4,
5
0
6553.5
0
65535
45211
42406
Z-Axis RMS Acceleration (G) 2, 5
0
65.535
0
65535
45212
42456
X-Axis RMS Acceleration (G) 2, 5
0
65.535
0
65535
45213
42409
Z-Axis Kurtosis 2, 6
0
65.535
0
65535
45214
42459
X-Axis Kurtosis 2, 6
0
65.535
0
65535
45215
42408
Z-Axis Crest Factor 2, 6
0
65.535
0
65535
45216
42458
X-Axis Crest Factor 2, 6
0
65.535
0
65535
45217
42402
Z-Axis Peak Velocity (in/sec) 1, 5
0
6.5535
0
65535
45218
42404
Z-Axis Peak Velocity (mm/sec) 2, 5
0
65.535
0
65535
45219
42452
X-Axis Peak Velocity (in/sec) 1, 5
0
6.5535
0
65535
45220
42454
X-Axis Peak Velocity (mm/sec) 2, 5
0
65.535
0
65535
45221
42410
Z-Axis High-Frequency RMS Acceleration (G) 2, 6
0
65.535
0
65535
45222
42460
X-Axis High-Frequency RMS Acceleration (G) 2, 6
0
65.535
0
65535
46101
Baud
0=9.6k, 1=19.2k (default), 2=38.4k
46102
Parity
0=none (default), 1=odd, 2=even
46103
Modbus Slave Address
1 (default) through 247
42601
Rotational Speed (RPM) (default = 1725 RPM) --
Used in vibration spectral band measurements
0
65535
0
65535
42602
Rotational Speed (Hz) (default = 29 Hz) -- Used in
vibration spectral band measurements
0
65535
0
65535
1 Value = Register value ÷ 10000
2 Value = Register value ÷ 1000
3 Value = Register value ÷ 100
4 Value = Register value ÷ 10
5 Measurement bandwidth = 10 Hz to 1 kHz
6 Measurement bandwidth = 1 kHz to 4 kHz
Vibration Spectral Band Measurements
To use vibration spectral band measurements, follow the instructions in the Vibration Spectral Band Measurement Start Guide (p/n
b_4510565).
Specifications
Supply Voltage
10 to 30 V dc
Current
Active comms: 9 mA at 30 V dc
Communication
Interface: RS-485 serial
Baud rates: 9.6k, 19.2k (default), or 38.4k
Data format: 8 data bits, no parity (default), 1 stop bit (even or odd parity
available)
Protocol: Modbus RTU
Vibration Sensor
Measuring Range: 0 to 46 mm/sec or 0 to 1.8 in/sec RMS
Frequency Range: 10 Hz to 4 kHz
Accuracy: ±10% at 25 °C
Sampling Frequency: 20 kHz (default)
Record Length: 8192 points (default)
Sample Duration: 0.4 s (default)
Sure Cross® QM30VT2 Vibration and Temperature Sensor
P/N 210732 Rev. B
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com