Electronic Components Datasheet Search
  English  ▼

X  

M18TIP8Q Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # M18TIP8Q
Description  T-GAGE??M18T Series Infrared Temperature Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

M18TIP8Q Datasheet(HTML) 2 Page - Banner Engineering Corp.

  M18TIP8Q Datasheet HTML 1Page - Banner Engineering Corp. M18TIP8Q Datasheet HTML 2Page - Banner Engineering Corp. M18TIP8Q Datasheet HTML 3Page - Banner Engineering Corp. M18TIP8Q Datasheet HTML 4Page - Banner Engineering Corp. M18TIP8Q Datasheet HTML 5Page - Banner Engineering Corp. M18TIP8Q Datasheet HTML 6Page - Banner Engineering Corp. M18TIP8Q Datasheet HTML 7Page - Banner Engineering Corp. M18TIP8Q Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Overview
The T-GAGE analog sensor is a passive, non-contacting, temperature-based
device. It is used to detect object temperature within a sensing window and
output a proportional voltage or current.
While it looks and operates just like an Expert™ photoelectric sensor, the T-GAGE
detects the infrared light energy emitted by objects, instead of its own emitted
light. The sensor uses a thermopile detector, made up of multiple infrared-
sensitive elements (thermocouples) to detect this infrared energy within its field of
view (see
Figure 2 on page 2).
Potential applications include:
• Hot part detection (baked goods, metals, bottles, rubber)
• Ejection verification of injection-molded parts
• Flame process verification
• Hot glue detection (packaging equipment, book binding)
• Cold part detection (frozen foods, ice, dairy)
• Roller monitoring
Figure 1. Sensor Features
1.
Power LED
2.
Alarm Output LED
3.
Push Button
Note: The T-GAGE M18T sensor is not intended for absolute temperature measurement or for safety-related fire detection use.
Note: Le T-GAGE M18T n'est pas conçu pour une mesure de température absolue ni pour une utilisation dans le cadre de
sécurité pour la détection de feu.
Indicators
Power ON/OFF LED
Indicates
OFF
Power is OFF
ON Green
Sensor is in Run mode
ON Red
TEACH is active
Alarm Output LED
Indicates
OFF
Run Mode: Alarm output is OFF
2-Point TEACH active: Waiting for Span condition
ON Amber
Run Mode: Alarm output is energized
2-Point TEACH active: Waiting for Null condition
Flashing Amber
Dynamic TEACH active
Sensing Field of View
Sensing range is determined by the sensor’s field of view or viewing angle, combined with the size of the object(s) being detected. See
Figure 2 on
page 2. The sensor’s distance-to-spot size ratio (D:S ratio) is inversely related to the viewing angle; a sensor with a small viewing angle will have a
large D:S ratio. The T-GAGE M18T sensors have D:S ratios of 6:1, 8:1 or 14:1. For a sensor with an 8:1 D:S ratio, the sensor spot size is a 1"
diameter circle at a distance of 8"; farther from the sensor face the spot size will be larger.
200
400
600
800
1000
Distance (mm)
Spot Size
(see table)
Sensor D:S Ratio
Distance from Sensor Face Versus Spot Size
100
200
300
400
500
600
700
800
900
1000
Distance (mm)
6:1
17
33
50
67
83
100
117
133
150
167
Spot Size (mm)
8:1
13
25
38
50
63
75
88
100
113
125
14:1
7
14
21
29
36
43
50
57
64
71
Figure 2. Detection spot size versus distance from sensor
T-GAGE™ M18T Series Infrared Temperature Sensors
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 123698 Rev. C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com