Electronic Components Datasheet Search
  English  ▼

X  

WLB72B Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # WLB72B
Description  WLB72B Industrial LED Light Bar (AC)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLB72B Datasheet(HTML) 4 Page - Banner Engineering Corp.

  WLB72B Datasheet HTML 1Page - Banner Engineering Corp. WLB72B Datasheet HTML 2Page - Banner Engineering Corp. WLB72B Datasheet HTML 3Page - Banner Engineering Corp. WLB72B Datasheet HTML 4Page - Banner Engineering Corp. WLB72B Datasheet HTML 5Page - Banner Engineering Corp. WLB72B Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Dimming
Compatible with 0–10 V analog LED dimming, dimmable to 5% intensity
Shielded wiring required for dimming control.
Application Notes
When connecting continuous run/cascadable lights in series, it is important
not to exceed maximum current limitations of 14 AWG, 75 °C wire, in
accordance with the National Electrical Code (NEC) and any applicable local
code requirements.
Two or more lights installed in parallel must maintain a 150 mm (6 inch)
spacing to maintain a 50 °C operating temperature.
Certifications
and Approvals
UL/cULus E470122
Required Overcurrent Protection
WARNING: Electrical connections must be
made by qualified personnel in accordance with
local and national electrical codes and
regulations.
Overcurrent protection is required to be provided by end product
application per the supplied table.
Overcurrent protection may be provided with external fusing or via Current
Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to
www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Performance Curves
Polar Candela Distribution
Isolux Pattern
Illuminance at a Distance
Center Beam (lux)
7935 lux
0.5 m
1.0 m
1.5 m
2.0 m
2.5 m
3.0 m
Vertical Spread: 108.5°
Horizontal Spread: 129.9°
1.4 m
2.1 m
2.8 m
4.3 m
4.2 m
6.4 m
5.6 m
8.6 m
1984 lux
882 lux
496 lux
6.9 m
10.7 m
317 lux
8.3 m
12.8 m
220 lux
Beam Width (m)
Vert.
Horiz.
200 lux
175 lux
150 lux
125 lux
100 lux
75 lux
Mount height of 3 meters (3 m)
50 lux
25 lux
2
2
2
1
1
1
0 m
0 m
1
2
180°
2000
1667
1333
1000
667
333
0
333
667
1000
1333
1667
2000
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Illuminance at a Distance
Vertical Angle:
0° Vertical
90° Horizontal
Dimensions
All measurements are listed in millimeters, unless noted otherwise.
1221.7
[48.10]
951.7
[37.47]
1021.7
[40.22]
72.0
[2.83]
6.35
6X Ø
[0.25]
M5 x 0.8
4X
PEM
NUT
45.0
[1.77]
81.6
[3.21]
Ø 22.23
9X
[0.88]
KNOCKOUT
Bracket Mounting Holes
(SMBWLB72F)
Hanging Bracket
Mounting Holes
WLB72B Industrial LED Light Bar (AC)
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 210184 Rev. A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com