Electronic Components Datasheet Search
  English  ▼

X  

WLS15 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # WLS15
Description  WLS15 LED Strip Light
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS15 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  WLS15 Datasheet HTML 1Page - Banner Engineering Corp. WLS15 Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quick Start Guide
This guide is designed to help you set up and install the WLS15 LED Strip Light. For complete information on programming, performance,
troubleshooting, dimensions, and accessories, please refer to the Instruction Manual at
www.bannerengineering.com. Search for p/n 197493 to view
the Instruction Manual. Use of this document assumes familiarity with pertinent industry standards and practices.
For PWM dimming, use with the LC65P2T 2-wire dimmer module. For more information, refer to the LC65 LED Dimmer
Module datasheet, p/n
177086. This module can only be used with the single color models.
Single Color Models
WLS15
C
DW
0360
D
S
C2
Connector*
Construction
Window
Length
Color
Cascadable
Family
C = Cascadable
X = Non-cascadable
DW = Daylight white
WW = Warm white
0220 mm (6 in)
0360 mm (1 ft)
0500 mm (1.5 ft)
0640 mm (2 ft)
0920 mm (3 ft)
1200 mm (4 ft)
D = Diffuse
S = Sealed
(IEC IP66, IEC IP67)
C2 = 2 m (6.5 ft) integral PVC cable
QP = 150 mm (5.9 in) PVC cable with
M12/Euro-style quick disconnect
QS = 150 mm (5.9 in) PVC cable with
Deutsch DTM connector
*Models with a quick disconnect or Deutsch
DTM connector require a mating cordset
Dual Color Models
WLS15
C
W
0360
D
S
C2
Connector*
Construction
Window
Length
Color 1
Cascadable
Family
C = Cascadable
X = Non-cascadable
W = Daylight white
B = Blue
G = Green
R = Red
Y = Yellow
A = Amber
0220 mm (6 in)
0360 mm (1 ft)
0500 mm (1.5 ft)
0640 mm (2 ft)
0920 mm (3 ft)
1200 mm (4 ft)
D = Diffuse
S = Sealed
(IEC IP66, IEC IP67)
C2 = 2 m (6.5 ft) integral PVC cable
QP = 150 mm (5.9 in) PVC cable with
M12/Euro-style quick disconnect
*Models with a quick disconnect require a mating cordset
R
Color 2
Wiring Diagrams
QP Models
Male
Female
Pin
Wire Color
Single Color Models
Dual Color Models
1
4
3
2
2
3
4
1
1
brown
12 V dc or 24 V dc
Color 1: 12 V dc or 24 V dc
3
blue
dc common
dc common
4
black
Not used
Color 2: 12 V dc or 24 V dc (color 2 overrides color 1)
2
white
Not used
Not used
QS Models: Single Color Models Only
Male
Female
Pin
Wire Color
Connection
2
1
2
1
1
brown
12 V dc or 24 V dc
2
blue
dc common
WLS15 LED Strip Light
Original Document
197492 Rev. F
15 February 2019
197492


Similar Part No. - WLS15

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
WLS15 BANNER-WLS15 Datasheet
2Mb / 8P
WLS15 LED Strip Light
WLS15CDW0220DSC2 BANNER-WLS15CDW0220DSC2 Datasheet
2Mb / 8P
WLS15 LED Strip Light
WLS15CDW0220DSQP BANNER-WLS15CDW0220DSQP Datasheet
2Mb / 8P
WLS15 LED Strip Light
WLS15CDW0220DSQS BANNER-WLS15CDW0220DSQS Datasheet
2Mb / 8P
WLS15 LED Strip Light
WLS15CDW0360DSC2 BANNER-WLS15CDW0360DSC2 Datasheet
2Mb / 8P
WLS15 LED Strip Light
More results

Similar Description - WLS15

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-S420CW3 BVLED-BVM-S420CW3 Datasheet
264Kb / 7P
LED STRIP LIGHT
BVM-S450 BVLED-BVM-S450 Datasheet
138Kb / 7P
LED STRIP LIGHT
logo
OptoSupply Internationa...
OSMH50830GP-R5M3Z2C1P-A OPTOSUPPLY-OSMH50830GP-R5M3Z2C1P-A Datasheet
79Kb / 3P
LED Light Strip
OSMW03C12GP-R5MAS1C1A-A OPTOSUPPLY-OSMW03C12GP-R5MAS1C1A-A Datasheet
157Kb / 3P
LED Light Strip
OSMW05C12GP-R5PTS4C1A-A OPTOSUPPLY-OSMW05C12GP-R5PTS4C1A-A Datasheet
57Kb / 3P
LED Light Strip
OSMW38E20GJ-R5MAS1C1A-A OPTOSUPPLY-OSMW38E20GJ-R5MAS1C1A-A Datasheet
86Kb / 3P
LED Light Strip
OSMW50815GP-R5MAS1C1A-A OPTOSUPPLY-OSMW50815GP-R5MAS1C1A-A Datasheet
87Kb / 3P
LED Light Strip
OSMY46K27GH-R5MAZ161D-A OPTOSUPPLY-OSMY46K27GH-R5MAZ161D-A Datasheet
123Kb / 4P
LED Light Strip
OSMY61K37GH-R5MA5111A-A OPTOSUPPLY-OSMY61K37GH-R5MA5111A-A Datasheet
119Kb / 4P
LED Light Strip
logo
Banner Engineering Corp...
WLS15 BANNER-WLS15 Datasheet
2Mb / 8P
WLS15 LED Strip Light
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com