Electronic Components Datasheet Search
  English  ▼

X  

WLS27 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # WLS27
Description  WLS27 Dual Color LED Strip Light
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS27 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  WLS27 Datasheet HTML 1Page - Banner Engineering Corp. WLS27 Datasheet HTML 2Page - Banner Engineering Corp. WLS27 Datasheet HTML 3Page - Banner Engineering Corp. WLS27 Datasheet HTML 4Page - Banner Engineering Corp. WLS27 Datasheet HTML 5Page - Banner Engineering Corp. WLS27 Datasheet HTML 6Page - Banner Engineering Corp. WLS27 Datasheet HTML 7Page - Banner Engineering Corp. WLS27 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
430 mm Models
180°
310
258
207
155
103
52
0
52
103
155
207
Mount height of 1 meter (1 m)
258
310
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Center Beam (lux)
1303 lux
0.5 m
1.0 m
1.5 m
2.0 m
2.5 m
3.0 m
Vertical Spread: 98.2°
Horizontal Spread: 113.8°
1.2 m
1.5 m
2.3 m
3.1 m
3.5 m
4.6 m
4.6 m
6.1 m
296 lux
134 lux
75 lux
5.8 m
7.7 m
48 lux
6.9 m
9.2 m
33 lux
Beam Width (m)
Illuminance at a Distance
Vert.
Horiz.
2
2
2
1
1
1
0 m
0 m
1
2
Vertical Angle:
0° Vertical
90° Horizontal
225 lux
185 lux
150 lux
115 lux
80 lux
50 lux
20 lux
10 lux
50% max.
candela
570 mm Models
180°
420
350
280
210
140
70
0
70
140
210
280
Mount height of 1 meter (1 m)
350
420
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Center Beam (lux)
1539 lux
0.5 m
1.0 m
1.5 m
2.0 m
2.5 m
3.0 m
Vertical Spread: 98.5°
Horizontal Spread: 115.7°
1.2 m
1.6 m
2.3 m
3.2 m
3.5 m
4.8 m
4.6 m
6.4 m
379 lux
177 lux
99 lux
5.8 m
8.0 m
64 lux
7.0 m
9.5 m
44 lux
Beam Width (m)
Illuminance at a Distance
Vert.
Horiz.
2
2
2
1
1
1
0 m
0 m
1
2
Vertical Angle:
0° Vertical
90° Horizontal
300 lux
250 lux
200 lux
150 lux
100 lux
50 lux
20 lux
10 lux
50% max.
candela
710 mm Models
180°
510
425
340
255
170
85
0
85
170
255
340
Mount height of 1 meter (1 m)
425
510
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Center Beam (lux)
1778 lux
0.5 m
1.0 m
1.5 m
2.0 m
2.5 m
3.0 m
Vertical Spread: 99.1°
Horizontal Spread: 114.5°
1.2 m
1.6 m
2.3 m
3.1 m
3.5 m
4.7 m
4.7 m
6.2 m
469 lux
221 lux
124 lux
5.9 m
7.8 m
80 lux
7.0 m
9.3 m
55 lux
Beam Width (m)
Illuminance at a Distance
Vert.
Horiz.
2
2
2
1
1
1
0 m
0 m
1
2
Vertical Angle:
0° Vertical
90° Horizontal
375 lux
310 lux
250 lux
190 lux
130 lux
75 lux
25 lux
10 lux
50% max.
candela
WLS27 Dual Color LED Strip Light
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 186598 Rev. I



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com