Electronic Components Datasheet Search
  English  ▼

X  

WLS27 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # WLS27
Description  WLS27 LED Strip Light - PWM Dimmable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS27 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  WLS27 Datasheet HTML 1Page - Banner Engineering Corp. WLS27 Datasheet HTML 2Page - Banner Engineering Corp. WLS27 Datasheet HTML 3Page - Banner Engineering Corp. WLS27 Datasheet HTML 4Page - Banner Engineering Corp. WLS27 Datasheet HTML 5Page - Banner Engineering Corp. WLS27 Datasheet HTML 6Page - Banner Engineering Corp. WLS27 Datasheet HTML 7Page - Banner Engineering Corp. WLS27 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Models
L1
L2
L3
L4
WLS27..990..
991 mm (39 in)
1035 mm (40.8 in)
1054.5 mm (41.5 in)
1063 mm (41.8 in)
WLS27..1130..
1120 mm (44.1 in)
1164 mm (45.8 in)
1183.5 mm (46.4 in)
1192 mm (46.9 in)
Performance
Optical data shown below is for cool white only. To get lux and candela values for other colors, multiply the values shown on the charts by the
following factors:
Warm White:
1.000
Green:
0.450
Red:
0.138
Yellow:
0.125
Blue:
0.100
145 mm Models
180°
140
117
93
70
47
23
0
23
47
70
93
Mount height of 1 meter (1 m)
117
140
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Center Beam (lux)
3644 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 95.1°
Horizontal Spread: 115.0°
0.37 m 0.53 m
0.74 m 1.05 m
1.11 m 1.59 m
1.48 m 2.12 m
1099 lux
494 lux
280 lux
1.85 m 2.64 m
185 lux
2.22 m 3.17 m
129 lux
Beam Width (m)
Illuminance at a Distance
Vert.
Horiz.
2
2
2
1
1
1
0 m
0 m
1
2
Vertical Angle:
0° Vertical
90° Horizontal
105 lux
80 lux
55 lux
40 lux
25 lux
20 lux
15 lux
5 lux
50% max.
candela
285 mm Models
180°
280
233
187
140
93
47
0
47
93
140
187
Mount height of 1 meter (1 m)
233
280
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Center Beam (lux)
6280 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 97.8°
Horizontal Spread: 115.0°
0.38 m 0.52 m
0.76 m 1.04 m
1.14 m 1.56 m
1.53 m 2.09 m
2256 lux
1066 lux
616 lux
1.91 m 2.60 m
409 lux
2.29 m 3.12 m
289 lux
Beam Width (m)
Illuminance at a Distance
Vert.
Horiz.
2
2
2
1
1
1
0 m
0 m
1
2
Vertical Angle:
0° Vertical
90° Horizontal
200 lux
165 lux
135 lux
100 lux
65 lux
35 lux
15 lux
5 lux
50% max.
candela
WLS27 LED Strip Light - PWM Dimmable
P/N 186597 Rev. G
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com