Electronic Components Datasheet Search
  English  ▼

X  

LTC6903CMS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC6903CMS8
Description  1kHz - 68MHz Serial Port Programmable Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6903CMS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC6903CMS8 Datasheet HTML 4Page - Linear Technology LTC6903CMS8 Datasheet HTML 5Page - Linear Technology LTC6903CMS8 Datasheet HTML 6Page - Linear Technology LTC6903CMS8 Datasheet HTML 7Page - Linear Technology LTC6903CMS8 Datasheet HTML 8Page - Linear Technology LTC6903CMS8 Datasheet HTML 9Page - Linear Technology LTC6903CMS8 Datasheet HTML 10Page - Linear Technology LTC6903CMS8 Datasheet HTML 11Page - Linear Technology LTC6903CMS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC6903/LTC6904
12
69034fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 0404 1K REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIO
PART NUMBER
DESCRIPTION
COMMENTS
LTC1799
1kHz to 30MHz ThinSOT™ Oscillator
Single Output, Higher Frequency Operation
LTC6900
1kHz to 20MHz ThinSOT Oscillator
Single Output, Lower Power
LTC6902
Multiphase Oscillator with Spread Spectrum Modulation
2, 3 or 4-Phase Outputs
ThinSOT is a trademark of Linear Technology Corporation
MUX Inputs
Output
S2
S1
S0
n
Pulsewidth
0004
16/fCLK
1005
32/fCLK
0106
64/fCLK
1107
128/fCLK
0018
256/fCLK
1019
512/fCLK
0
1
1
10
1024/fCLK
1
1
1
11
2048/fCLK
U6
LTC6903
GND
SDI
SCK
SEN
1
2
3
4
TRIG
< TRIGGER PULSE WIDTH < OUTPUT PULSE WIDTH
fCLK
SDI
SCK
SEN
8
7
6
5
V+
OE
CLK
6903 TA02
CLK
74HC4040
PHILIPS
SEMICONDUCTOR
MUX SELECT ADDRESS LINES
7
5
2
13
Q8
9
10
11
5
2
8
8
16
16
6
3
4
14
1
Q12
12
15
Q1
MR
CLK
6
3
1
4
Q
Q
R
PS
CLK
D
Q2
Q3
Q4
Q5
Q6
Q7
Q9
Q10
Q11
74HC251
PHILIPS
SEMICONDUCTOR
74HC74-B
PHILIPS
SEMICONDUCTOR
V+
3
1
14
12
S0
4
2
15
13
10
7
11
9
D1
Y
Y
D2
D0
D3
D4
D5
D6
D7
S1
S2
OE
C3
0.1
µF
V
+
V+
V+
VOUT
VOUT
QOUT
C1
0.1
µF
C2
0.1
µF
9
12
8
11
6
5
74HC74-A
PHILIPS SEMICONDUCTOR
13
10
Q
R
PS
CLK
D
V+
Q
1
OUTPUT
PULSE
WIDTH
=
fCLK
2n
U4
U5
U1
fCLK
S1
S0
S2
Wide Range Time Interval Generator (1.97 Seconds to 4 Microseconds)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com