Electronic Components Datasheet Search
  English  ▼

X  

LTC6903HMS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6903HMS8
Description  1kHz - 68MHz Serial Port Programmable Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6903HMS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC6903HMS8 Datasheet HTML 1Page - Linear Technology LTC6903HMS8 Datasheet HTML 2Page - Linear Technology LTC6903HMS8 Datasheet HTML 3Page - Linear Technology LTC6903HMS8 Datasheet HTML 4Page - Linear Technology LTC6903HMS8 Datasheet HTML 5Page - Linear Technology LTC6903HMS8 Datasheet HTML 6Page - Linear Technology LTC6903HMS8 Datasheet HTML 7Page - Linear Technology LTC6903HMS8 Datasheet HTML 8Page - Linear Technology LTC6903HMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC6903/LTC6904
1
69034fa
FREQUENCY ERROR (%)
–1.0
40
30
20
10
0
–0.5
6903 TA01b
0
0.5
1.0
VS = 3V
TA = 25°C
f = 1039Hz
443
UNITS
TESTED
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
s
1kHz to 68MHz Square Wave Output
s
0.5% (Typ) Initial Frequency Accuracy
s
Frequency Error <1.1% Over All Settings
s
10ppm/
°C Typical Frequency Drift Over
Temperature
s
0.1% Resolution
s
1.7mA Typical Supply Current (f < 1MHz, VS = 2.7V)
s
2.7V to 5.5V Single Supply Operation
s
Jitter <0.4% Typical 1kHz to 8MHz
s
Easy to Use SPI (LTC6903) or I2C (LTC6904) Serial
Interface
s
Output Enable Pin
s
–40
°C to 125°C Operation
s
MS8 Package
1kHz - 68MHz Serial
Port Programmable Oscillator
The LTC
®6903/LTC6904 are low power self contained
digital frequency sources providing a precision frequency
from 1kHz to 68MHz, set through a serial port. The
LTC6903/LTC6904 require
no external components other
than a power supply bypass capacitor, and they operate
over a single wide supply range of 2.7V to 5.5V.
The LTC6903/LTC6904 feature a proprietary feedback
loop that linearizes the relationship between digital control
setting and frequency, resulting in a very simple frequency
setting equation:
f
Hz
DAC
kHz
f
MHz
OCT
=


<<
2
2078
2
1024
168
•
()
–
;
Where OCT is a 4-bit digital code and DAC is a 10-bit digital
code.
The LTC6903 is controlled by a convenient SPI compatible
serial interface. The LTC6904 uses an industry standard
I2C compatible interface.
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Precision Digitally Controlled Oscillator
s
Power Management
s
Direct Digital Frequency Synthesis (DDS)
Replacement
s
Replacement for DAC and VCO
s
Switched Capacitor Filter Clock
PIC16F73
MICROCONTROLLER
VDD
VSS
RC2/CCP1
VSS
RC5/SDO
RC3/SCK/SCL
LTC6903
0.01
µF
GND
SDI
SCK
SEN
POWER-UP CLOCK
FREQUENCY IS 1039Hz
V+
5V
10
Ω
10k
5V
OE
CLK
6903 TA01
CLK
OSC2/CLKOUT
OSC1/CLKIN
MCLR/VP–P
1
µF
0.1
µF
A Microcontroller Controlling Its Clock
LTC6903 Frequency Error
Distribution
U.S. Patent Numbers 6342817 and 6614313.


Similar Part No. - LTC6903HMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6903 LINER-LTC6903 Datasheet
470Kb / 28P
isoSPI Isolated Communications Interface Very Low EMI Susceptibility and Emissions
LTC6903 LINER-LTC6903 Datasheet
245Kb / 14P
1kHz to 68MHz Serial Port Programmable Oscillator
logo
Analog Devices
LTC6903 AD-LTC6903 Datasheet
643Kb / 14P
Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
Rev. D
LTC6903 AD-LTC6903 Datasheet
575Kb / 16P
Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
Rev. C
logo
Linear Technology
LTC6903 LINER-LTC6903_15 Datasheet
245Kb / 14P
1kHz to 68MHz Serial Port Programmable Oscillator
More results

Similar Description - LTC6903HMS8

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1050 DALLAS-DS1050 Datasheet
231Kb / 17P
5-Bit, Programmable, Pulse-Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
logo
Linear Technology
LT1799 LINER-LT1799 Datasheet
120Kb / 4P
1kHz to 30MHz Resistor Set SOT-23 Oscillator
LTC6900 LINER-LTC6900 Datasheet
187Kb / 12P
Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
logo
ECM Electronics Limited...
EXO-3 ECM-EXO-3 Datasheet
123Kb / 2P
Programmable Oscillator
logo
Analog Devices
AD2S99APZ AD-AD2S99APZ Datasheet
320Kb / 8P
Programmable Oscillator
REV. B
AD2S99 AD-AD2S99_15 Datasheet
320Kb / 8P
Programmable Oscillator
REV. B
logo
Linear Technology
LTC1799 LINER-LTC1799_15 Datasheet
242Kb / 14P
1kHz to 33MHz Resistor Set SOT-23 Oscillator
LTC6903 LINER-LTC6903_15 Datasheet
245Kb / 14P
1kHz to 68MHz Serial Port Programmable Oscillator
LTC6904 LINER-LTC6904_15 Datasheet
245Kb / 14P
1kHz to 68MHz Serial Port Programmable Oscillator
logo
Analog Devices
AD2S99 AD-AD2S99_17 Datasheet
351Kb / 9P
Programmable Oscillator
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com