Electronic Components Datasheet Search
  English  ▼

X  

HLS27DBR0570C Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # HLS27DBR0570C
Description  HLS27 Hazardous Location LED Strip Light
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

HLS27DBR0570C Datasheet(HTML) 2 Page - Banner Engineering Corp.

  HLS27DBR0570C Datasheet HTML 1Page - Banner Engineering Corp. HLS27DBR0570C Datasheet HTML 2Page - Banner Engineering Corp. HLS27DBR0570C Datasheet HTML 3Page - Banner Engineering Corp. HLS27DBR0570C Datasheet HTML 4Page - Banner Engineering Corp. HLS27DBR0570C Datasheet HTML 5Page - Banner Engineering Corp. HLS27DBR0570C Datasheet HTML 6Page - Banner Engineering Corp. HLS27DBR0570C Datasheet HTML 7Page - Banner Engineering Corp. HLS27DBR0570C Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Hazardous Location Applications
WARNING:
• Hazardous Locations
• It is the user's responsibility to ensure that all local, state, and national laws, rules, codes, or regulations relating to
the installation and use of this device in any particular application are satisfied. This device must be installed by
Qualified Persons, in accordance with this document and applicable regulations.
• A Qualified Person is a person who, by possession of a recognized degree or certificate of professional training, or
who, by extensive knowledge, training and experience, has successfully demonstrated the ability to solve problems
relating to the subject matter and work.
WARNING: The hazardous location mounting hardware is designed to help protect the HLS27 light from damage during
impact and must be used in all hazardous location applications. Failure to use the Banner supplied mounting hardware
correctly will void the hazardous location rating of the light.
CAUTION:
• Electrostatic Discharge (ESD) Special Conditions for Safe Use
• Parts of the enclosure are non-conducting and can generate an ignition-capable level of ESD.
• Clean the equipment with only a damp cloth.
General Notes and Conditions for Safe Use:
• See Specifications and Wiring Diagrams for important information concerning entity parameters, permissible locations, electrical
connections and certifications.
• In addition to the warning above concerning user responsibility, the installation must comply with the following:
◦
All installations must comply with all manufacturer's instructions.
▪
This device is provided with a PLTC-ER/ITC-ER cable and must be installed in accordance with the following:
• NEC Article 501.10 (B) for Class I Division 2
• NEC Article 502.10 (B) for Class II Division 2
• NEC Article 503.10 (A) or (B) for Class III Division 1 or 2 respectively
• Canadian Electrical Code (CSA C22.1) for Canadian Installations
• Section 9 of IEC 60079-14 for ATEX/IECEx locations
▪
The PLTCER/ITC-ER cable shall be installed in accordance with the provisions of NEC Article 725 (PLTC-ER) or 727.4 (ITC-
ER) for Class I Division 2, Class II Division 2, and Class III Division 1 and 2 locations
▪
The cable shall be terminated with a fitting certified for the appropriate location classification
▪
The device must be powered by a class 2 power supply
• Do not attempt any repairs to this device; it contains no field-replaceable parts or components. Tampering and/or replacement with non-
factory components may adversely affect the safe use of the system.
• The nonconducting materials of this device may be susceptible to ignition-capable level of electrostatic charging and precautions must be
taken to avoid this. The user/installer shall ensure that the equipment is not installed in a location where it may be subjected to external
conditions (such as high-pressure steam) which are conducive to creating a build-up of electrostatic charges.
• The user/installer must take suitable precautions to prevent the device from being adversely affected by aggressive substances, such as
acidic liquids or gases that may attack metals, or solvents that may affect polymeric (plastic) materials. Suitable precautions include routine
inspection or maintenance procedures require replacement of damaged devices or establishing from the materials data sheet that the
device is resistant to specific chemicals. These precautions must ensure that the type of protection is not compromised.
Wiring Diagram
Wire Color
Single Color Models
Dual Color Models
PWM Models
12–30 V dc
–
+
3
1
4
1 - Brown
12 V dc to 30 V dc
Color 1: 12 V dc to 30 V dc
12 V dc to 30 V dc
3 - Blue
dc common
dc common
dc common
4 - Black
Connect to 12 V dc to 30 V dc for 50%
intensity. For 100% intensity, leave the
black wire floating or connected to
common.
Color 2: 12 V dc to 30 V dc (color 2
overrides color 1)
Pulse width modulation (PWM) input. For
maximum intensity, leave the black wire floating or
connected to common. Connecting to 12 V dc to
30 V dc will cause LEDs to shut off.
Mounting Instructions
Multiple mounting options are available for the HLS27 in hazardous locations. In the two options listed below, the mounting brackets must be
spaced a distance of (L4) apart to ensure the device meets impact protection standards for hazardous locations.
Included Mounting Hardware (LMBHLS27S – 2 Brackets)
When using the standard mounting hardware, the mounting hole centers for each individual bracket
must be spaced 50.0 mm (1.97 inches) from one another. This spacing is critical for the bracket to
provide the required impact protection and prevent rotation of the light within the bracket.
The stainless-steel bracket is designed to be used with M5 or #10 stainless-steel hardware.
HLS27 Hazardous Location LED Strip Light
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 197949 Rev. B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com