Electronic Components Datasheet Search
  English  ▼

X  

EMD10 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # EMD10
Description  Dual NPNPNP Digital transistors (built-in resistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

EMD10 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  EMD10 Datasheet HTML 1Page - First Silicon Co., Ltd EMD10 Datasheet HTML 2Page - First Silicon Co., Ltd EMD10 Datasheet HTML 3Page - First Silicon Co., Ltd EMD10 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEMICONDUCTOR
TECHNICAL DATA
EMD10
2016. 08. 30
1/4
Revision No : 0
SOT-563
Dual NPN+PNP Digital transistors (built-in resistors)
FEATURES
Two DTC705(NPN)+DTA805(PNP) chip in a package
Mounting possible with SOT-563 automatic mounting machines
Transistor elements are independent, eliminating interference
Mounting cost and area be cut in half
Marking: D12
Equivalent circuit
1
TR1 Absolute maximum ratings (Ta=25
℃)
TR1 Electrical characteristics (Ta=25
℃)
℃
Parameter
Symbol
Limits
Unit
Supply voltage
VCC
V
0
5
Input voltage
VIN
V
2
1
~
5
-
IO
0
0
1
Output current
IC(MAX)
0
0
1
mA
Power dissipation
W
m
0
5
1
d
P
Junction temperature
0
5
1
j
T
℃
Storage temperature
0
5
1
~
5
5
-
g
t
s
T
℃
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
VI(off)
0.5
VCC=5V, IO=100
μA
Input voltage
VI(on)
1.1
V
VO=0.3V, IO=5mA
Output voltage
VO(on)
0.1
0.3
V
IO/II=5mA/0.25mA
Input current
II
3.6
mA
VI=5V
Output current
IO(off)
0.5
μA
VCC=50V, VI=0
DC current gain
GI
80
VO=5V, IO=10mA
Input resistance
R1
1.54
2.2
2.86
K
Ω
-
Resistance ratio
R2/R1
17
21
26
-
Transition frequency
fT
250
MHz
VCE=10V, IE=5mA, f=100MHz


Similar Part No. - EMD10

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
EMD10 JIANGSU-EMD10 Datasheet
4Mb / 4P
Dual Digital Transistors (NPNPNP)
logo
Excelliance MOS Corp.
EMD10N06A EXCELLIANCE-EMD10N06A Datasheet
224Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD10N06E EXCELLIANCE-EMD10N06E Datasheet
230Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD10N70F EXCELLIANCE-EMD10N70F Datasheet
170Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - EMD10

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTA115EN3 CYSTEKEC-DTA115EN3 Datasheet
155Kb / 4P
PNP Digital Transistors (Built-in Resistors)
DTA124ES3 CYSTEKEC-DTA124ES3 Datasheet
141Kb / 4P
PNP Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTA114YE SECOS-DTA114YE Datasheet
190Kb / 2P
PNP Digital Transistors (Built-in Resistors)
UMH13N SECOS-UMH13N Datasheet
136Kb / 1P
Dual NPNPNP Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
HBA143ZS6R CYSTEKEC-HBA143ZS6R Datasheet
247Kb / 5P
Dual PNP Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTA143ZM SECOS-DTA143ZM Datasheet
469Kb / 2P
PNP Digital Transistors (Built-in Resistors)
EMH3 SECOS-EMH3 Datasheet
279Kb / 2P
Dual NPN Digital Transistors(Built-in Resistors)
EMG11 SECOS-EMG11_18 Datasheet
73Kb / 1P
Dual NPN Digital Transistors (Built-in Resistors)
logo
First Silicon Co., Ltd
EMD12 FS-EMD12 Datasheet
538Kb / 5P
Dual NPNPNP Digital transistors (built-in resistors)
EMG8 FS-EMG8 Datasheet
651Kb / 5P
Dual NPNNPN Digital transistors (built-in resistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com