Electronic Components Datasheet Search
  English  ▼

X  

MX210QL Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MX210QL
Description  Low Cost, 10g, Dual Axis Accelerometer with Analog Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MX210QL Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MX210QL Datasheet HTML 1Page - List of Unclassifed Manufacturers MX210QL Datasheet HTML 2Page - List of Unclassifed Manufacturers MX210QL Datasheet HTML 3Page - List of Unclassifed Manufacturers MX210QL Datasheet HTML 4Page - List of Unclassifed Manufacturers MX210QL Datasheet HTML 5Page - List of Unclassifed Manufacturers MX210QL Datasheet HTML 6Page - List of Unclassifed Manufacturers MX210QL Datasheet HTML 7Page - List of Unclassifed Manufacturers MX210QL Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet
ORDERING GUIDE
Model
Package Style
MX210QC
TO-100 Metal Can
MX210QL
LCC-8 SMD *
PACKAGE CHARACTERISTICS
Package
ThetaJA
ThetaJC
Device Weight
TO-100
150°C/W
25°C/W
0.04 oz
LCC-8
110°C/W
22°C/W
0.02 oz
Page 3 of 8
®MEMSIC, Inc. 2000.
100 Burtt Road, Andover, MA 01810
Tel: 978.623.8188
•
Fax: 978.623.9945
www.memsic.com
MX210Q
MX210Q ANALOG Data Sheet N 8/1/01
TO-100
LCC-8
TO-100
TOP
VIEW
TOP
VIEW
+g
+g
+g
+g
X
X
Y
Y
Axes of Sensitivity
LCC-8
Axes of Sensitivity
NOTE
Drops onto hard surfaces can cause shocks of greater than 50,000g
and exceed the absolute maximum rating of the device.
Care should be exercised in handling to avoid damage.
CAUTION
ESD (electrostatic discharge) sensitive device.
*Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage
to the device. These are stress ratings only; the functional operation of this device at these or any
other conditions above those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Rating
Units
VDD
Supply Voltage to Ground Potential
-0.5 to 7.0
Volts
TSTG
Storage Temperature
-65 to +150
Deg C
Acceleration
50,000
g
* LCC parts are shipped in tape and reel packaging.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com