Electronic Components Datasheet Search
  English  ▼

X  

FA358DFN22 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FA358DFN22
Description  DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA358DFN22 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FA358DFN22 Datasheet HTML 1Page - First Silicon Co., Ltd FA358DFN22 Datasheet HTML 2Page - First Silicon Co., Ltd FA358DFN22 Datasheet HTML 3Page - First Silicon Co., Ltd FA358DFN22 Datasheet HTML 4Page - First Silicon Co., Ltd FA358DFN22 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2018. 12. 11
4/5
Revision No : 0
FA358DFN22
0
TIME t (µs)
V , V
- t
IN
0
10
20
30
40
OUT
1
2
3
0
2
4
R
2kΩ
V =15V
L >
=
1
3
5
1k
FREQUENCY f (Hz)
100k
1M
OUTPUT CURRENT (SOURCE)
OUT
0
250
V
- I
OH
V
- t
0
20
30
40
10
15
20
10k
0
8
6
4
2
0
50
0
450
350
550
TIME t (µs)
V =30V, V =GND
Ta=25 C, C =50pF
INPUT
OUTPUT
CC
EE
L
10
1
2
3
4
5
OH
I
(mA)
OH
V =5V
CC
5
4
3
2
1
0
OL
I
(mA)
10
50
40
30
20
0
OUTPUT CURRENT (SINK)
OL
OL
V
- I
CC
V =5V
+
OUT
V
100kΩ
IN
V
7V
1kΩ
15V
V
- f
OP-P
_



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com