Electronic Components Datasheet Search
  English  ▼

X  

FA393F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FA393F
Description  DUAL VOLTAGE COMPARATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA393F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FA393F Datasheet HTML 1Page - First Silicon Co., Ltd FA393F Datasheet HTML 2Page - First Silicon Co., Ltd FA393F Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DUAL COMPARATOR
Be Possible to Operate at the Wide Range Single or Two Supply Voltage.
Low Supply Current : ICC=0.8mA(Typ.).
Low Input Offset Voltage : VIO=2mV(Typ.).
Wide Common Mode Input Voltage : 0VDC to VCC-1.5VDC
Output is Compatible with TTL, DTL, MOS and C-MOS.
Low Output Saturation Voltage
1
2
3
4
8
7
6
5
PIN CONNECTION
FA393P/F
OUT A
-IN A
-IN B
OUT B
+
-
A
B
+
-
VCC
+IN A
+IN B
VEE
(TOP VIEW)
2007. 5. 20
1/3
SEMICONDUCTOR
TECHNICAL DATA
FA393P/F
Revision No : 1
8
5
1
4
Q
DIP-8
A
d
P
D
W
T
DIM MILLIMETERS
A
B
D
T
P
d
G
H
L
3 8 0 3
0 - 15
1 52 0 1
W
9 6 0 2
6 45 0 2
0 46 0 1
0 50 MIN
3 3 0 3
2 54
0 25+0 1/-0 05
7 62
Q
+_
+_
+_
+_
+_
+_
DUAL VOLTAGE COMPARATORS
This device consist of for independent voltage comparators that
designed to operated from a single power supply over a wide
range of voltage. Normal operation from dual supplies are also to
be guaranteed on voltage range from 2V to 36V.
VCC is necessary at least more 1.5 volts than the input common mode
voltage. The output can be connected to other open collector outputs
to achieve Wired-OR relationship.
SOP-8
L
1
4
5
8
P
D
A
0 20+0 1/-0 05
P
T
1 27
MILLIMETERS
0 4 0 1
0 15+0 1/-0 05
4 85 0 2
B2
G
H
L
D
A
B1
DIM
6 02 0 3
1 63 0 2
0 65 0 2
3 94 0 2
+_
+_
+_
+_
+_
+_


Similar Part No. - FA393F

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FA393DFN22 FS-FA393DFN22 Datasheet
318Kb / 4P
DUAL VOLTAGE COMPARATORS
FA393SOT FS-FA393SOT Datasheet
343Kb / 3P
Single Comparator
More results

Similar Description - FA393F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
LOW POWER DUAL VOLTAGE COMPARATORS
Jun-2003
TS3V3702 STMICROELECTRONICS-TS3V3702 Datasheet
45Kb / 6P
3V MICROPOWER DUAL VOLTAGE COMPARATORS
Nov-1999
TS3V393 STMICROELECTRONICS-TS3V393 Datasheet
58Kb / 6P
3V MICROPOWER DUAL VOLTAGE COMPARATORS
Oct-1997
logo
National Semiconductor ...
LH2111 NSC-LH2111 Datasheet
53Kb / 6P
Dual Voltage Comparators
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_07 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
February 2006 Rev. 6
TS3702 STMICROELECTRONICS-TS3702 Datasheet
117Kb / 11P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
26-Feb-2007
LM2903H STMICROELECTRONICS-LM2903H_08 Datasheet
131Kb / 9P
Low power dual voltage comparators
27-Mar-2008
logo
Texas Instruments
TLC3702MDRG4 TI1-TLC3702MDRG4 Datasheet
1Mb / 36P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
logo
STMicroelectronics
TSX3702 STMICROELECTRONICS-TSX3702 Datasheet
597Kb / 24P
Micropower dual CMOS voltage comparators
13-Feb-2015
logo
First Silicon Co., Ltd
FA393DFN22 FS-FA393DFN22 Datasheet
318Kb / 4P
DUAL VOLTAGE COMPARATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com