Electronic Components Datasheet Search
  English  ▼

X  

FA431Z Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FA431Z
Description  PROGRAMMABLE PRECISION REFERENCES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA431Z Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FA431Z Datasheet HTML 1Page - First Silicon Co., Ltd FA431Z Datasheet HTML 2Page - First Silicon Co., Ltd FA431Z Datasheet HTML 3Page - First Silicon Co., Ltd FA431Z Datasheet HTML 4Page - First Silicon Co., Ltd FA431Z Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PRECAUTION FOR USE
SOLDERING
Flat Package (SMD Package)
Elements mounting styles of electronic devices are gaining in further diversification over recent
years, and needs for components are all the more expanding in varieties. Especially, surface mounting
is steadily penetrating into industrial segments as a world-wide popular technical trend.
Although exposure to high temperature is inevitable during soldering we recommend limiting the soldering
temperature to low levels as shown in figure for the sake of retaining inherent excellent reliability.
(a) When employing solder reflow method
Atmospheric temperature around resin surfaces must be less than 240 , not exceeding the time length of 10 sec.
Recommend temperature profile
Precautions on heating method
When resin in kept exposed to high temperature for a long time, device reliability may be marred.
Therefore, it is essential to complete soldering in the shortest time possible to prevent temperature of resin from rising.
(b) When employing halogen lamps or infrared-ray heaters
When halogen lamps or infrared-ray heaters are used, avoid direct irradiation onto resin surfaces; such devices cause
extensive localized temperature rise.
Please keep a reflow solder operating when SMD package’s soldering.
60 sec.
Time (sec.)
Within 30 sec.
Within 10 sec.
Fig. 6
150
210
240
2012. 05. 02
5/5
FA431Z/ZS/ZF
Revision No : 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com