Electronic Components Datasheet Search
  English  ▼

X  

MQDEC-412SS Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # MQDEC-412SS
Description  EZ-STATUS짰 WLS28-2 Multicolor LED Strip Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

MQDEC-412SS Datasheet(HTML) 3 Page - Banner Engineering Corp.

  MQDEC-412SS Datasheet HTML 1Page - Banner Engineering Corp. MQDEC-412SS Datasheet HTML 2Page - Banner Engineering Corp. MQDEC-412SS Datasheet HTML 3Page - Banner Engineering Corp. MQDEC-412SS Datasheet HTML 4Page - Banner Engineering Corp. MQDEC-412SS Datasheet HTML 5Page - Banner Engineering Corp. MQDEC-412SS Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Light Characteristics
Daylight White Efficacy: 85 lumens/watt typical at 24 V dc at 25 °C (77 °F)
CRI: 80, minimum
Color
Dominant
Wavelength
(nm) or Color
Temperature
Lighted Length Lumens (Typical at 25 °C)2
285 mm
570 mm
850 mm
1130 mm
Green
525 nm
400
800
1200
1600
Red
625 nm
185
370
555
740
Yellow
580 nm
570
1140
1710
2280
Blue
470 nm
125
250
375
500
Daylight
White
5000 K (±300 K)
650
1300
1950
2600
Environmental Rating
Non-sealed models: IEC IP50
Sealed models: IEC IP65, IEC IP67, IP69K per DIN 40050-9
Vibration and Mechanical Shock
Vibration: 10 Hz to 55 Hz, 1.0 mm peak-to-peak amplitude per IEC
60068-2-6
Shock: 15G 11 ms duration, half sine wave per IEC 60068-2-27
Operating Temperature
–40 °C to +50 °C (–40 °F to +122 °F)
Storage Temperature: –40 °C to +70 °C (–40 °F to +158 °F)
Application Notes
When connecting cascadable lights in series it is important not to exceed
maximum current limitations:
Maximum length of light at 24 V dc: 3.0 m (9.8 ft)
Do not spray cable with high-pressure sprayer, or cable damage will result
Certifications
D
Dimensions
14
[.55]
32.2
[1.27]
28
[1.10]
21
[.83]
13.5
[.53]
28
[1.10]
8
[.31]
9.5
[.37]
19
[.75]
30
[1.18]
ø 5
[.20]
31.5
[1.24]
10.5
[.41]
Dimensions are shown with the included SMBWLS28RA brackets.
IP50 Models
IP67/IP69K Models
L1
L2
L3
L4
WLS28-2..0285
WLS28-2..285S
362 mm (14.3 in)
346 mm (13.6 in)
286 mm (11.26 in)
316 mm (12.4 in)
WLS28-2..0570
WLS28-2..570S
644 mm (25.4 in)
628 mm (24.7 in)
568 mm (22.36 in)
598 mm (23.5 in)
WLS28-2..0850
WLS28-2..850S
926 mm (36.5 in)
910 mm (35.8 in)
850 mm (33.46 in)
880 mm (34.6 in)
WLS28-2..1130X
WLS28-2..1130S
1208 mm (47.6 in)
1192 mm (46.9 in)
1132 mm (44.57 in)
1162 mm (45.7 in)
All measurements are listed in millimeters [inches], unless noted otherwise.
Accessories
Cordsets
Use single-ended cordsets between the power source and the quick disconnect connection of a stand-alone light or the first light
in a cascade. Use double-ended cordsets between lights in a cascade.
2 Values shown at 25 °C - current and lumen values decrease 0.4% per 1 °C from ambient. For example, a 1130 mm unit will have a maximum current of 1.600 A at -40 °C and 1.134 A at +50 °C.
EZ-STATUS® WLS28-2 Multicolor LED Strip Light
P/N 204557 Rev. C
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com