Electronic Components Datasheet Search
  English  ▼

X  

1212792 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1212792
Description  Cable-cutting tool - CUTFOX-SP VDE_DB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1212792 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1212792 Datasheet HTML 1Page - PHOENIX CONTACT 1212792 Datasheet HTML 2Page - PHOENIX CONTACT 1212792 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1212792
03/10/2016   Page 1 / 3
Cable-cutting tool - CUTFOX-SP VDE_DB - 1212792
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Power diagonal cutter, with optimized leverage, also suitable for piano wire, VDE 1000 V AC/1500 V DC tested,
type of packaging: with holder for sales display (backcard)
Product Features
■ Inductively hardened blades for long-term stable cutting performance
■ VDE-tested cutting tools made from special high-grade tool steel
Key Commercial Data
Packing unit
1 pc
Weight per Piece (excluding packing)
320.0 g
Custom tariff number
82032000
Country of origin
Germany
Technical data
Dimensions
Length (b)
200 mm
Cable diameter
0.2 mm ... 4 mm
General
Test standard
DIN EN 60900 (VDE 0682 PART 201)
DIN ISO 5746
Standards and Regulations
Test standard
DIN EN 60900 (VDE 0682 PART 201)
DIN ISO 5746
Classifications
eCl@ss
eCl@ss 4.0
21040302
eCl@ss 4.1
21040302


Similar Part No. - 1212792

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212790 PHOENIX-1212790 Datasheet
47Kb / 3P
Cable-cutting tool - CUTFOX-S VDE_DB
1212791 PHOENIX-1212791 Datasheet
46Kb / 3P
Cable-cutting tool - CUTFOX 25 VDE_DB
1212793 PHOENIX-1212793 Datasheet
43Kb / 2P
Front cutter - MICROFOX-E_DB
1212794 PHOENIX-1212794 Datasheet
46Kb / 2P
Diagonal cutter - MICROFOX-E ESD_DB
1212795 PHOENIX-1212795 Datasheet
43Kb / 2P
Front cutter - MICROFOX-EO_DB
More results

Similar Description - 1212792

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1204753 PHOENIX-1204753 Datasheet
49Kb / 2P
Cable-cutting tool - CUTFOX EB
1212124 PHOENIX-1212124 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX-FBS
1212129 PHOENIX-1212129 Datasheet
49Kb / 2P
Cable-cutting tool - CUTFOX 18
1212133 PHOENIX-1212133 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX 52
1212134 PHOENIX-1212134 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX 62
1212135 PHOENIX-1212135 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX 100
1212621 PHOENIX-1212621 Datasheet
50Kb / 2P
Cable-cutting tool - CUTFOX-ES
1212789 PHOENIX-1212789 Datasheet
46Kb / 3P
Cable-cutting tool - CUTFOX 16 VDE_DB
1212790 PHOENIX-1212790 Datasheet
47Kb / 3P
Cable-cutting tool - CUTFOX-S VDE_DB
1212791 PHOENIX-1212791 Datasheet
46Kb / 3P
Cable-cutting tool - CUTFOX 25 VDE_DB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com