Electronic Components Datasheet Search
  English  ▼

X  

NL2016 Datasheet(PDF) 2 Page - TDK Electronics

Part # NL2016
Description  For General Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NL2016 Datasheet(HTML) 2 Page - TDK Electronics

  NL2016 Datasheet HTML 1Page - TDK Electronics NL2016 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
511_NL2016
990818
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
511_NL2016
(2/2)
Inductors
NL Series NL2016 Type
For General Applications
SMD
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
• Inductance tolerance is only standard.
• Test equipment L, Q: YHP4194A IMPEDANCE ANALYZER (16085A+16093B+TDK TF-1)
SRF:HP8753C NETWORK ANALYZER
Rdc:MATSUSHITA VP-2941A DIGITAL MILLIOHM METER
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE vs. FREQUENCY
IMPEDANCE vs. FREQUENCY
INDUCTANCE vs. DC SUPERPOSITION
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
INDUCTANCE CHANGE vs.
Q vs. FREQUENCY CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
Inductance
(µH)
Inductance
tolerance
Q
min.
Test frequency
L, Q (MHz)
Self-resonant
frequency (MHz)min.
DC resistance
(
Ω)max.
Rated current
(mA)max.
Part No.
1
±5%
15
7.96
63
1.2
245
NL201614T-1R0J
1.5
±5%
15
7.96
60
1.45
225
NL201614T-1R5J
2.2
±5%
15
7.96
58
1.8
200
NL201614T-2R2J
3.3
±5%
15
7.96
50
2.3
175
NL201614T-3R3J
4.7
±5%
15
7.96
43
2.8
140
NL201614T-4R7J
6.8
±5%
15
7.96
36
3.4
115
NL201614T-6R8J
10
±5%
10
2.52
30
4.7
98
NL201614T-100J
15
±5%
10
2.52
23
6.5
80
NL201614T-150J
22
±5%
10
2.52
20
8
68
NL201614T-220J
33
±5%
10
2.52
17
10.7
60
NL201614T-330J
2.1
±0.2
1.6
±0.2
(0.4)
Terminal
electrode
0.8
±0.1
Weight: 15mg
Inductor
Solder land pattern
0.8
1
0.8
Dimensions in mm
0.1
0.3
13
10
30
Frequency(MHz)
0.1
0.3
1
3
10
30
100
33
µH
10
µH
1
µH
0.1
0.3
13
10
30
Frequency(MHz)
0.01
0.03
0.1
0.3
1
3
10
30
100
33
µH
10
µH
1
µH
13
10
30
100
1000
300
DC current(mA)
0.1
0.3
1
3
10
30
100
10
µH
1
µH
33
µH
A
L=5H C=20000
µF
Test circuit
DC
Specimen
YHP model-4255A
or equivalent
0.1
1
10
Frequency(MHz)
0
20
40
60
80
100
10
µH
1
µH
33
µH
Test equipment:
YHP 4194A IMPEDANCE ANALYZER
10
µH
– 40
–20
0
20
40
60
80
Temperature(°C)
5
–5
1.5
µH
33
µH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com