Electronic Components Datasheet Search
  English  ▼

X  

MBF110 Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # MBF110
Description  Solid-State Fingerprint Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MBF110 Datasheet(HTML) 1 Page - fujitsu semiconductor

  MBF110 Datasheet HTML 1Page - fujitsu semiconductor MBF110 Datasheet HTML 2Page - fujitsu semiconductor MBF110 Datasheet HTML 3Page - fujitsu semiconductor MBF110 Datasheet HTML 4Page - fujitsu semiconductor MBF110 Datasheet HTML 5Page - fujitsu semiconductor MBF110 Datasheet HTML 6Page - fujitsu semiconductor MBF110 Datasheet HTML 7Page - fujitsu semiconductor MBF110 Datasheet HTML 8Page - fujitsu semiconductor MBF110 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Pr
eliminar
y
MBF110
Solid-State Fingerprint Sensor
Applications
• Database and network access
• Portable fingerprint acquisition
• Access control (home, auto, office, etc.)
•ATM
• Smart cards
• Cellular phone security access
Overview
The Fujitsu MBF110 Solid-State Fingerprint Sensor is a direct
contact, fingerprint acquisition device. It is a high performance,
low power, low cost, capacitive sensor with an integrated two-
dimensional array of metal electrodes in the sensing array. Each
metal electrode acts as one plate of a capacitor and the contacting
finger acts as the second plate.A passivation layer on the device
surface forms the dielectric between these two plates. Ridges and
valleys on the finger yield varying capacitor values across the array,
which is read to form an image of the fingerprint.
The MBF110 is manufactured in standard CMOS technology and
is available in an 80-pin,VSPA 80/1 and LQFP 80/1.The 300
×
300 sensor array has a 50
µm pitch and yields a 500-dpi image.The
sensor surface is protected by a patented, ultra-hard, abrasion and
chemical resistant coating.
80-pin TSOP (LQFP)
80-pin SOP (VSPA)
Packages
A block diagram of the MBF110 is shown in Figure 1.The
MBF110 has an integrated 8-bit flash analog-to-digital converter
to digitize the output of the sensor array.The fingerprint image is
transmitted on an 8-bit bi-directional bus interface compatible
with most microprocessors.
For SETCUR resistor differences between the MBF110 see the Pin
Information table.
Features
• Non-optical solid-state device
• 300
× 300 sensor array, 50 µm pitch
• 1.5 cm
× 1.5 cm sensor area
• 500-dpi resolution
• Operation from 3V to 5.5V
• Ultra-hard protective coating
• Integrated 8-bit flash analog-to-digital converter
• 8-bit microprocessor interface
• Standard CMOS technology
• Low power, less than 200 mW


Similar Part No. - MBF110

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBF10 LUGUANG-MBF10 Datasheet
526Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Galaxy Semi-Conductor H...
MBF10J BILIN-MBF10J Datasheet
725Kb / 4P
Silicon Bridge Rectifiers
MBF10K BILIN-MBF10K Datasheet
725Kb / 4P
Silicon Bridge Rectifiers
MBF10M BILIN-MBF10M Datasheet
725Kb / 4P
Silicon Bridge Rectifiers
MBF10N BILIN-MBF10N Datasheet
724Kb / 4P
Silicon Bridge Rectifiers
Rev.B
More results

Similar Description - MBF110

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3271GE SONY-CXA3271GE Datasheet
180Kb / 17P
Fingerprint Sensor
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
Fingerprint Sensor
logo
Mitsumi Electronics, Co...
SEF-A1F1 MITSUMI-SEF-A1F1 Datasheet
61Kb / 2P
Solid Optical Fingerprint Sensor
logo
Honeywell Solid State E...
SS50AT HONEYWELL-SS50AT Datasheet
287Kb / 3P
SOLID STATE SENSOR
2SS52M HONEYWELL-2SS52M Datasheet
315Kb / 2P
SOLID STATE SENSOR
logo
Honeywell Accelerometer...
SS41L HONEYWELL-ACC-SS41L Datasheet
395Kb / 4P
SOLID STATE SENSOR
logo
List of Unclassifed Man...
SS443A-L ETC-SS443A-L Datasheet
590Kb / 4P
SOLID STATE SENSOR
logo
Honeywell Accelerometer...
SS41-S HONEYWELL-ACC-SS41-S Datasheet
395Kb / 4P
SOLID STATE SENSOR
SS526GT HONEYWELL-ACC-SS526GT Datasheet
367Kb / 2P
SOLID STATE SENSOR
logo
Mantra Softech India Pv...
MFS100 MANTRA-MFS100 Datasheet
506Kb / 2P
OPTICAL FINGERPRINT SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com