Electronic Components Datasheet Search
  English  ▼

X  

TMP61 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP61
Description  TMP61 Small Silicon-Based Linear Thermistor for Temperature Sensing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP61 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP61 Datasheet HTML 9Page - Texas Instruments TMP61 Datasheet HTML 10Page - Texas Instruments TMP61 Datasheet HTML 11Page - Texas Instruments TMP61 Datasheet HTML 12Page - Texas Instruments TMP61 Datasheet HTML 13Page - Texas Instruments TMP61 Datasheet HTML 14Page - Texas Instruments TMP61 Datasheet HTML 15Page - Texas Instruments TMP61 Datasheet HTML 16Page - Texas Instruments TMP61 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
TMP61
www.ti.com
SBOS921C – DECEMBER 2018 – REVISED SEPTEMBER 2019
Product Folder Links: TMP61
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
(1)
Table defined based on 4th order equation:
(2)
Assuming ideal voltage source, 10 kΩ with ±0.01% RBias
Table 5. TMP61 Transfer Table Using a Voltage Divider With an Ideal VBias of 2.5 V and RBias of 10 kΩ
With ±0.01% Tolerance [LPG Package]
TEMPERATURE (°C)
RESISTANCE (Ω)(1)
ΔR/ΔT
(Ω/°C)
TEMPERATURE ERROR(2)
(°C)
MIN
TYP
MAX
–40
6460
6559
6657
42
2.32
–35
6673
6774
6876
44
2.32
–30
6892
6997
7102
45
2.32
–25
7119
7227
7336
47
2.32
–20
7353
7465
7576
48
2.33
–15
7593
7709
7824
50
2.33
–10
7841
7960
8079
51
2.34
–5
8095
8218
8342
52
2.35
0
8399
8484
8569
54
1.58
5
8669
8756
8844
55
1.59
10
8946
9036
9126
57
1.60
15
9230
9323
9416
58
1.61
20
9521
9617
9713
60
1.62
25
9819
9918
10017
61
1.63
30
10124
10227
10329
62
1.64
35
10437
10543
10648
64
1.65
40
10758
10866
10975
65
1.66
45
11086
11198
11310
67
1.67
50
11421
11536
11652
69
1.68
55
11764
11883
12002
70
1.69
60
12115
12238
12360
72
1.71
65
12475
12601
12727
73
1.72
70
12842
12972
13101
75
1.73
75
13151
13351
13551
77
2.61
80
13533
13739
13945
78
2.63
85
13923
14136
14348
80
2.64
90
14323
14541
14759
82
2.66
95
14731
14956
15180
84
2.68
100
15149
15380
15610
86
2.69
105
15576
15813
16050
88
2.71
110
16013
16256
16500
90
2.72
115
16459
16710
16960
92
2.73
120
16915
17173
17430
94
2.75
125
17382
17647
17911
96
2.76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com