Electronic Components Datasheet Search
  English  ▼

X  

TVP7000PZP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7000PZP
Description  TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7000PZP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TVP7000PZP Datasheet HTML 12Page - Texas Instruments TVP7000PZP Datasheet HTML 13Page - Texas Instruments TVP7000PZP Datasheet HTML 14Page - Texas Instruments TVP7000PZP Datasheet HTML 15Page - Texas Instruments TVP7000PZP Datasheet HTML 16Page - Texas Instruments TVP7000PZP Datasheet HTML 17Page - Texas Instruments TVP7000PZP Datasheet HTML 18Page - Texas Instruments TVP7000PZP Datasheet HTML 19Page - Texas Instruments TVP7000PZP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
www.ti.com
Power
Reset
I2C
5 ms
1
µs
1
µs
Control Registers
TVP7000
SLES143 – SEPTEMBER 2005
Table 4. Reset Sequence
SIGNAL NAME
DURING RESET
RESET COMPLETED
ROUT[9:0], BOUT[9:0], BOUT[9:0]
High impedence
Output
HSOUT, VSOUT, SOGOUT
High impedence
Output
DATACLK
High impedence
Output
Figure 7. Reset Timing
The TVP7000 is initialized and controlled by a set of internal registers that define the operating parameters of the
entire device. Communication between the external controller and the TVP7000 is through a standard I2C host
port interface, as described earlier.
Table 5 shows the summary of these registers. Detailed programming information for each register is described
in the following sections.
Table 5. Control Registers Summary(1)(2)
Register Name
I2C Subaddress
Default
R/W
Chip Revision
00h
R
PLL Divide MSB
01h
69h
R/W
PLL Divide LSB
02h
D0h
R/W
PLL Control
03h
48h
R/W
Phase Select
04h
80h
R/W
Clamp Start
05h
80h
R/W
Clamp Width
06h
80h
R/W
HSYNC Output Width
07h
20h
R/W
Blue Fine Gain
08h
80h
R/W
Green Fine Gain
09h
80h
R/W
Red Fine Gain
0Ah
80h
R/W
Blue Fine Offset
0Bh
80h
R/W
Green Fine Offset
0Ch
80h
R/W
Red Fine Offset
0Dh
80h
R/W
Sync Control 1
0Eh
40h
R/W
PLL and Clamp Control
0Fh
4Eh
R/W
(1)
Register addresses not shown in the register map summary are reserved and must not be written to.
(2)
Writing to or reading from any value labeled “Reserved” register may cause erroneous operation of the TVP7000. For registers with
reserved bits, a 0b must be written to reserved bit locations unless otherwise stated.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com