Electronic Components Datasheet Search
  English  ▼

X  

DP83848I Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848I
Description  Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848I Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button DP83848I Datasheet HTML 35Page - National Semiconductor (TI) DP83848I Datasheet HTML 36Page - National Semiconductor (TI) DP83848I Datasheet HTML 37Page - National Semiconductor (TI) DP83848I Datasheet HTML 38Page - National Semiconductor (TI) DP83848I Datasheet HTML 39Page - National Semiconductor (TI) DP83848I Datasheet HTML 40Page - National Semiconductor (TI) DP83848I Datasheet HTML 41Page - National Semiconductor (TI) DP83848I Datasheet HTML 42Page - National Semiconductor (TI) DP83848I Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
RMII and Bypass Register
17h
RBR
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
RMII_M
ODE
RMII_RE
V1_0
RX_OVF
_STS
RX_UNF
_STS
RX_RD_
PTR[1]
RX_RD_
PTR[0]
LED Direct Control Register
18h
LEDCR
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
DRV_SP
DLED
DRV_LN
KLED
DRV_AC
TLED
SPDLED LNKLED ACTLED
PHY Control Register
19h
PHYCR
MDIX_E
N
FORCE_
MDIX
PAUSE_
RX
PAUSE_
TX
BIST_fe
PSR_15
BIST_
STATUS
BIST_ST
ART
BP_STR
ETCH
LED_
CNFG[1]
LED_
CNFG[0]
PHY
ADDR
PHY
ADDR
PHY
ADDR
PHY
ADDR
PHY
ADDR
10Base-T Status/Control Register
1Ah
10BT_S
ERIAL
10BT_S
ERIAL
REJECT
100
BASE T
ERROR
RANGE
ERROR
RANGE
SQUELC
H
SQUELC
H
SQUELC
H
LOOPBA
CK_10_
DIS
LP_DIS
FORC_
LINK_10
Re-
served
POLARI-
TY
Re-
served
Re-
served
HEART_
DIS
JABBER
_DIS
CD Test Control and BIST Extensions Reg-
ister
1Bh
CDCTRL
1
BIST_ER
ROR_C
OUNT
BIST_ER
ROR_C
OUNT
BIST_ER
ROR_C
OUNT
BIST_ER
ROR_C
OUNT
BIST_ER
ROR_C
OUNT
BIST_ER
ROR_C
OUNT
BIST_ER
ROR_C
OUNT
BIST_ER
ROR_C
OUNT
Re-
served
Re-
served
BIST_C
ONT_M
ODE
CDPattE
N_10
Re-
served
10Meg_
Patt_Ga
p
CDPatt-
Sel
CDPatt-
Sel
RESERVED
1Ch
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Energy Detect Control Register
1Dh
EDCR
ED_EN
ED_AUT
O_UP
ED_AUT
O_DOW
N
ED_MAN ED_BUR
ST_DIS
ED_PW
R_STAT
E
ED_ERR
_MET
ED_DAT
A_MET
ED_ERR
_COUNT
ED_ERR
_COUNT
ED_ERR
_COUNT
ED_ERR
_COUNT
ED_DAT
A_COUN
T
ED_DAT
A_COUN
T
ED_DAT
A_COUN
T
ED_DAT
A_COUN
T
RESERVED
1Eh-1Fh Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Table 10. Register Table
Register Name
Addr
Tag
Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com