Electronic Components Datasheet Search
  English  ▼

X  

TL70 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # TL70
Description  TL70 Multicolor Tower Light Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL70 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  TL70 Datasheet HTML 1Page - Banner Engineering Corp. TL70 Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
Models
R = Red
Housing Color
Housing
Colors
TL70 Segment
Blank = Black
C =
G =
Y =
R =
TL70 Multicolor Segments
SG-TL70
G
Gray
Red
Green
Yellow
Y
R
B = Blue
W = White
Example Models:
SG-TL70-GYR (3 color: green, yellow, red)
SG-TL70-GR (2 colors: green, red)
SG-TL70-GY (2 colors: green, yellow)
For more information regarding TL70 Modular Tower Light Final Assemblies, refer to the following documents:
•
TL70 Modular Tower Light Final Assembly Datasheet (p/n 182214)
•
TL70 Wireless Modular Tower Light Datasheet (p/n 185469)
•
TL70 Modular Tower Light Final Assembly For AC Datasheet (p/n 191349)
Configuring the Module
Assembly Options
DIP Switches
1
2
Light Module Flash Rate
3 Hz
ON
OFF
1.5 Hz
ON
ON
Solid On*
OFF
OFF
* Factory default setting
Wiring Diagrams
PNP Input
Module
C2M1
C3M1
C1M1
M2
3
4
1
2
5
12–30 V dc
M12 Male Pinouts
1
4
5
3
2
Key
1 = brown
2 = white
3 = blue
4 = black
5 = gray
C1M1 = Color 1 Module 1
C2M1 = Color 2 Module 1
C3M1 = Color 3 Module 1
M2 = Module 2
TL70 Multicolor Tower Light Module
Original Document
188350 Rev. E
6 December 2017
188350


Similar Part No. - TL70

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
TL70 BANNER-TL70 Datasheet
196Kb / 3P
TL70 Loud Multi-Tone Audible Tower Light Module
TL70 BANNER-TL70 Datasheet
304Kb / 3P
TL70 Programmable Audible Tower Light Module
TL70 BANNER-TL70 Datasheet
677Kb / 7P
TL70 Wireless Communication Segment
TL70 BANNER-TL70 Datasheet
117Kb / 2P
TL70 Multicolor RGB Tower Light Module
TL70 BANNER-TL70 Datasheet
382Kb / 4P
TL70 Modular Tower Light
More results

Similar Description - TL70

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
TL70 BANNER-TL70_V05 Datasheet
304Kb / 3P
TL70 Programmable Audible Tower Light Module
TL70 BANNER-TL70_V03 Datasheet
117Kb / 2P
TL70 Multicolor RGB Tower Light Module
TL70 BANNER-TL70_V01 Datasheet
382Kb / 4P
TL70 Modular Tower Light
TL70 BANNER-TL70 Datasheet
196Kb / 3P
TL70 Loud Multi-Tone Audible Tower Light Module
logo
M-System Co.,Ltd.
ITPL MSYSTEM-ITPL Datasheet
91Kb / 2P
Tower Light Series
IT60SRC MSYSTEM-IT60SRC Datasheet
203Kb / 5P
Tower Light Series
IT60RE MSYSTEM-IT60RE Datasheet
210Kb / 5P
ETHERNET TOWER LIGHT
IT50SW6F MSYSTEM-IT50SW6F Datasheet
435Kb / 10P
WIRELESS TOWER LIGHT
IT50SW5F MSYSTEM-IT50SW5F Datasheet
590Kb / 10P
WIRELESS TOWER LIGHT
IT40SW6F MSYSTEM-IT40SW6F Datasheet
428Kb / 10P
WIRELESS TOWER LIGHT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com