Electronic Components Datasheet Search
  English  ▼

X  

TL70 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # TL70
Description  TL70 Modular Tower Light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL70 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  TL70 Datasheet HTML 1Page - Banner Engineering Corp. TL70 Datasheet HTML 2Page - Banner Engineering Corp. TL70 Datasheet HTML 3Page - Banner Engineering Corp. TL70 Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Quick Start Guide
This guide is designed to help you set up and install the TL70 Modular Tower Light. For complete information on programming, performance,
troubleshooting, dimensions, and accessories, please refer to the Instruction Manual at www.bannerengineering.com. Search for p/n 182214 to view the
Instruction Manual. Use of this document assumes familiarity with pertinent industry standards and practices.
Configuring the Modules
1 2 3 4 5 6 7 8 9 10
Turn on the appropriate DIP switch to set the order of the components, counting up from the tower light's base.
Module 1
Module 2
Module 3
Module 4
Module 5
Module 6
Base
Assembly Options
DIP Switches
1
2
3
4
5
6
7
8
Light and Standard
Audible
Components
Module 1
ON
Module 2
ON
Module 3
ON
Module 4
ON
Module 5
ON
Module 6
ON
Light Module Flash
Rate
3 Hz
ON
OFF
1.5 Hz
ON
ON
Solid On*
OFF
OFF
Standard Audible
Module Settings
Pulse 1.5 Hz
ON
OFF
Chirp Alarm
ON
ON
Siren Alarm
OFF
ON
Continuous
Alarm*
OFF
OFF
Assembly Options
DIP Switches
1
2
3
4
5
6
7
8
9
10
Loud Audible
Module
Settings
Pulse 1.5 Hz
ON
OFF
Chirp Alarm
ON
ON
Siren Alarm
OFF
ON
Continuous
Alarm*
OFF
OFF
Low Intensity
OFF
OFF
Med. Intensity
ON
OFF
Med./Loud
Intensity
OFF
ON
Loud Intensity
ON
ON
* Factory default setting
TL70 Modular Tower Light
Original Document
182215 Rev. G
10 October 2017
182215


Similar Part No. - TL70

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
TL70 BANNER-TL70 Datasheet
196Kb / 3P
TL70 Loud Multi-Tone Audible Tower Light Module
TL70 BANNER-TL70 Datasheet
304Kb / 3P
TL70 Programmable Audible Tower Light Module
TL70 BANNER-TL70 Datasheet
677Kb / 7P
TL70 Wireless Communication Segment
TL70 BANNER-TL70 Datasheet
117Kb / 2P
TL70 Multicolor RGB Tower Light Module
TL70 BANNER-TL70 Datasheet
118Kb / 2P
TL70 Multicolor Tower Light Module
More results

Similar Description - TL70

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
TL70 BANNER-TL70_V05 Datasheet
304Kb / 3P
TL70 Programmable Audible Tower Light Module
TL70 BANNER-TL70_V03 Datasheet
117Kb / 2P
TL70 Multicolor RGB Tower Light Module
TL70 BANNER-TL70_V02 Datasheet
118Kb / 2P
TL70 Multicolor Tower Light Module
TL70 BANNER-TL70 Datasheet
196Kb / 3P
TL70 Loud Multi-Tone Audible Tower Light Module
logo
M-System Co.,Ltd.
ITPL MSYSTEM-ITPL Datasheet
91Kb / 2P
Tower Light Series
IT60SRC MSYSTEM-IT60SRC Datasheet
203Kb / 5P
Tower Light Series
IT60RE MSYSTEM-IT60RE Datasheet
210Kb / 5P
ETHERNET TOWER LIGHT
IT50SW6F MSYSTEM-IT50SW6F Datasheet
435Kb / 10P
WIRELESS TOWER LIGHT
IT50SW5F MSYSTEM-IT50SW5F Datasheet
590Kb / 10P
WIRELESS TOWER LIGHT
IT40SW6F MSYSTEM-IT40SW6F Datasheet
428Kb / 10P
WIRELESS TOWER LIGHT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com