Electronic Components Datasheet Search
  English  ▼

X  

TL50C Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # TL50C
Description  TL50C Compact Tower Light
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL50C Datasheet(HTML) 1 Page - Banner Engineering Corp.

  TL50C Datasheet HTML 1Page - Banner Engineering Corp. TL50C Datasheet HTML 2Page - Banner Engineering Corp. TL50C Datasheet HTML 3Page - Banner Engineering Corp. TL50C Datasheet HTML 4Page - Banner Engineering Corp. TL50C Datasheet HTML 5Page - Banner Engineering Corp. TL50C Datasheet HTML 6Page - Banner Engineering Corp. TL50C Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Datasheet
Multi-Color General-Purpose or Audible Indicators
•
Bright, uniform lighted segments at only half the height of the standard TL50 models
•
Rugged, cost-effective, and easy-to-install multi-segment indicators
•
Illuminated segments provide easy-to-see operator guidance and indication of
equipment status
•
Up to 7 stacked colors available
•
Available in black or light gray housing
•
Audible models available with standard, sealed, or omni-directional audible element
•
Compact devices are completely self-contained, no controller needed
•
12 V dc to 30 V dc or 24 V ac operation
•
No assembly required
Models
Non-Audible Models 1
# of LED Colors
LED Colors 2
Connection 3
TL50CRQ
1
Red
Integral 4-pin M12/Euro-style quick disconnect
TL50CGRQ
2
Green, Red
TL50CGYRQ
3
Green, Yellow, Red
TL50CBGYRQ
4
Blue, Green, Yellow, Red
Integral 5-pin M12/Euro-style quick disconnect
TL50CWBGYRQ
5
White, Blue, Green, Yellow, Red
Integral 8-pin M12/Euro-style quick disconnect
Standard Audible Models 1
# of LED Colors
LED Colors 2
Connection3
TL50CRAQ
1
Red
Integral 4-pin M12/Euro-style quick disconnect
TL50CGRAQ
2
Green, Red
TL50CGYRAQ
3
Green, Yellow, Red
Integral 5-pin M12/Euro-style quick disconnect
TL50CBGYRAQ
4
Blue, Green, Yellow, Red
Integral 8-pin M12/Euro-style quick disconnect
TL50CWBGYRAQ
5
White, Blue, Green, Yellow, Red
Sealed Audible Models 1
# of LED
Colors
LED Colors 2
Connection 3
Continuous
Pulsed at 1.6 Hz
Staccato
TL50CRALSQ
TL50CRALS3Q
TL50CRALS4Q
1
Red
Integral 4-pin M12/Euro-style
quick disconnect
TL50CGRALSQ
TL50CGRALS3Q
TL50CGRALS4Q
2
Green, Red
TL50CGYRALSQ
TL50CGYRALS3Q
TL50CGYRALS4Q
3
Green, Yellow, Red
Integral 5-pin M12/Euro-style
quick disconnect
TL50CBGYRALSQ
TL50CBGYRALS3Q
TL50CBGYRALS4Q
4
Blue, Green, Yellow, Red
Integral 8-pin M12/Euro-style
quick disconnect
TL50CWBGYRALSQ
TL50CWBGYRALS3Q
TL50CWBGYRALS4Q
5
White, Blue, Green, Yellow, Red
1
•
Models with black housing are listed. For gray housing, add the suffix "C" at the end of the cabled model number or before the "Q" in quick
disconnect model numbers. For example, TL50CRAC or TL50CRACQ.
•
All models have Bimodal (NPN or PNP) inputs.
2
•
The first color listed is the bottom color, going up in successive order.
•
Available colors include: Green (G), Red (R), Yellow (Y), Blue (B), Orange (O), White (W), Turquoise (T), Violet (V), Magenta (M) and Sky Blue (S).
•
Contact Banner Engineering for other colors and color combinations.
3
•
To order the 150 mm (6 in) PVC cable model with a M12/Euro-style quick disconnect, replace the suffix "Q" with "QP" in the model number. For
example, TL50CRAQP.
•
To order the 2 m (6.5 ft) PVC cable model, omit the suffix "Q" in the model number. For example, TL50CRA.
•
Models with a quick disconnect require a mating cordset.
TL50C Compact Tower Light
Original Document
179186 Rev. I
6 May 2019
179186


Similar Part No. - TL50C

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
TL50CZ BANNER-TL50CZ Datasheet
828Kb / 6P
TL50CZ Compact Universal AC Voltage Tower Light
TL50CZBGYR BANNER-TL50CZBGYR Datasheet
828Kb / 6P
TL50CZ Compact Universal AC Voltage Tower Light
TL50CZBGYRA BANNER-TL50CZBGYRA Datasheet
828Kb / 6P
TL50CZ Compact Universal AC Voltage Tower Light
TL50CZBGYRALS BANNER-TL50CZBGYRALS Datasheet
828Kb / 6P
TL50CZ Compact Universal AC Voltage Tower Light
TL50CZBGYRALS3 BANNER-TL50CZBGYRALS3 Datasheet
828Kb / 6P
TL50CZ Compact Universal AC Voltage Tower Light
More results

Similar Description - TL50C

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
TL50CZ BANNER-TL50CZ Datasheet
828Kb / 6P
TL50CZ Compact Universal AC Voltage Tower Light
TL50 BANNER-TL50 Datasheet
1Mb / 8P
TL50 Tower Light
logo
M-System Co.,Ltd.
ITPL MSYSTEM-ITPL Datasheet
91Kb / 2P
Tower Light Series
IT60SRC MSYSTEM-IT60SRC Datasheet
203Kb / 5P
Tower Light Series
IT60SA2 MSYSTEM-IT60SA2 Datasheet
200Kb / 5P
Tower Light Series
IT60RE MSYSTEM-IT60RE Datasheet
210Kb / 5P
ETHERNET TOWER LIGHT
IT50SW6F MSYSTEM-IT50SW6F Datasheet
435Kb / 10P
WIRELESS TOWER LIGHT
IT50SW5F MSYSTEM-IT50SW5F Datasheet
590Kb / 10P
WIRELESS TOWER LIGHT
IT50SRE MSYSTEM-IT50SRE Datasheet
180Kb / 4P
ETHERNET TOWER LIGHT
IT40SW6F MSYSTEM-IT40SW6F Datasheet
428Kb / 10P
WIRELESS TOWER LIGHT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com