Electronic Components Datasheet Search
  English  ▼

X  

TL30 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # TL30
Description  TL30 Basic Tower Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL30 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  TL30 Datasheet HTML 1Page - Banner Engineering Corp. TL30 Datasheet HTML 2Page - Banner Engineering Corp. TL30 Datasheet HTML 3Page - Banner Engineering Corp. TL30 Datasheet HTML 4Page - Banner Engineering Corp. TL30 Datasheet HTML 5Page - Banner Engineering Corp. TL30 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5-Pin/Wire Models
C2
C3
C1
C4/A
3
4
1
2
5
12-30V dc
or
Key
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
C1 = Color 1
C2 = Color 2
C3 = Color 3
C4 = Color 4
A = Audible
Pin 5 (Gray wire) activates the corresponding
color or the audible function, if available.
2 and 3 segment models only require
associated wires to be connected.
8-Pin / 7-Wire Models
C2
C3
C1
C4
7
6
2
1
5
12-30V dc
or
C5
4
A
8
Key
1 = White
2 = Brown
3 = Green (Not Used)
4 = Yellow
5 = Gray
6 = Pink
7 = Blue
8 = Red
C1 = Color 1
C2 = Color 2
C3 = Color 3
C4 = Color 4
C5 = Color 5
A = Audible
Green wire not used.
Specifications
Supply Voltage and Current
12 V dc to 30 V dc
Maximum current per LED segment: 40 mA
Omni-Directional Sealed Audible Alarm: 20 mA maximum current
Supply Protection Circuitry
Protected against transient voltages
Input Leakage Current Immunity
400 µA1
Audible Alarm
Omni-Directional Sealed Audible Alarm: 2.8 kHz ± 500 Hz oscillation
frequency, maximum intensity 90 dB at 1 m (3.3 ft) (typical)
Operating Conditions
–40 °C to +50 °C (–40 °F to +122 °F)
90% maximum relative humidity (non-condensing)
Storage Temperature: –40 °C to +70 °C (–40 °F to +158 °F)
Environmental Rating
All Models:
IEC IP65
UL Type 4X when mounted in a suitable enclosure
Non-Audible: UL Type 13 when mounted in a suitable enclosure
Indicators
LEDS are independently selected; 2 to 5 colors depending on model
Indicator Response Time
Indicator On/Off: 1 millisecond maximum
Indicator Characteristics
Color
Dominant Wavelength (nm)
or Color Temperature (CCT)
Color Coordinates2
Lumen Output
(Typical at 25 °C)
x
y
Green
524 nm
0.160
0.708
7.5
Red
620 nm
0.690
0.308
2.5
Yellow
592 nm
0.582
0.413
6.5
Blue
468 nm
0.136
0.062
2.0
White
5500K
0.332
0.360
7.5
1
Any current above this value may activate the TL30.
2 Refer to CIE 1931 chromaticity diagram or color chart, to show equivalent color with indicated color coordinates.
TL30 Basic Tower Light
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 206089 Rev. C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com