Electronic Components Datasheet Search
  English  ▼

X  

BC450A Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BC450A
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC450A Datasheet(HTML) 2 Page - Continental Device India Limited

  BC450A Datasheet HTML 1Page - Continental Device India Limited BC450A Datasheet HTML 2Page - Continental Device India Limited BC450A Datasheet HTML 3Page - Continental Device India Limited BC450A Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILICON PLANAR EPITAXIAL TRANSISTORS
BC 446, A, B
BC 448, A, B
BC 450, A, B
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Emitter BreakdownVoltage
BVCEO *IC=1mA,IB=0
BC446
60
V
BC448
80
V
BC450
100
V
Collector Base Breakdown Voltage
BVCBO
IC=100uA, IE =0
BC446
60
V
BC448
80
V
BC450
100
V
Emitter Base Breakdown Voltage
BVEBO
IE=10uA, IC=0
5V
Collector-Cut off Current
ICBO
BC446
VCB =40V, IE =0
100
nA
BC448
VCB =60V, IE =0
100
nA
BC450
VCB =80V, IE =0
100
nA
DC Current Gain
hFE*
NON SUFFIX
IC=2mA,VCE=5V
50
460
A
120
220
B
180
460
NON SUFFIX
IC=2mA,VCE=5V
50
A
100
B
160
NON SUFFIX
IC=100mA,VCE=5V
50
A
60
B
90
Collector Emitter Saturation Voltage
VCE(sat) IC=100mA,IB=10mA
0.25
V
Base Emitter Saturation Voltage
VBE(sat) IC=100mA,IB=10mA
0.85
V
Base Emitter On Voltage
VBE(on)
IC=2mA,VCE =5V
0.55
0.70
V
IC=100mA,VCE =5V*
1.2
V
DYNAMICS CHARACTERISTICS
Transition Frequency
fT
IC=50mA, VCE=5V
100
MHz
f=100MHz
Pulse Test : Pulse width < 300
µs, Duty Cycle <2%.
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com