Electronic Components Datasheet Search
  English  ▼

X  

M28W640FSU-ZAF Datasheet(PDF) 15 Page - STMicroelectronics

Part # M28W640FSU-ZAF
Description  32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FSU-ZAF Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M28W640FSU-ZAF Datasheet HTML 11Page - STMicroelectronics M28W640FSU-ZAF Datasheet HTML 12Page - STMicroelectronics M28W640FSU-ZAF Datasheet HTML 13Page - STMicroelectronics M28W640FSU-ZAF Datasheet HTML 14Page - STMicroelectronics M28W640FSU-ZAF Datasheet HTML 15Page - STMicroelectronics M28W640FSU-ZAF Datasheet HTML 16Page - STMicroelectronics M28W640FSU-ZAF Datasheet HTML 17Page - STMicroelectronics M28W640FSU-ZAF Datasheet HTML 18Page - STMicroelectronics M28W640FSU-ZAF Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
15/49
M28W320FSU, M28W640FSU
Table 4. Commands
Note: 1. X = Don't Care, RA=Read Address, RD=Read Data, SRD=Status Register Data, ID=Identifier (Manufacture and Device Code),
QA=Query Address, QD=Query Data, BA=Block Address, PA=Program Address, PD=Program Data, PRA=Protection Register Ad-
dress, PRD=Protection Register Data.
2. The signature addresses are listed in Tables 5 and 6.
3. Program Addresses 1 and 2 must be consecutive Addresses differing only for A0.
4. Program Addresses 1,2,3 and 4 must be consecutive Addresses differing only for A0 and A1.
Table 5. Read Electronic Signature
Note: 1. RP = VIH.
2. Addresses range from A0 to A20 for the M28W320FSU and from A0 to A21 for the M28W640FSU.
Commands
Bus Write Operations
1st Cycle
2nd Cycle
3rd Cycle
4th Cycle
5th Cycle
Op. Add
Data
Op. Add
Data
Op.
Add Data
Op.
Add Data
Op. Add Data
Read Memory
Array
1+ Write
X
FFh
Read
RA
RD
Read Status
Register
1+ Write
X
70h
Read
X
SRD
Read Electronic
Signature
1+ Write
X
90h
Read SA(2)
IDh
Read CFI Query
1+ Write
X
98h
Read
QA
QD
Erase
2
WriteX
20hWrite
BA
D0h
Program
2
Write
X
40h or
10h
Write
PA
PD
Double Word
Program(3)
3
Write
X
30h
Write
PA1
PD1
Write
PA2
PD2
Quadruple Word
Program(4)
5
Write
X
56h
Write
PA1
PD1
Write
PA2
PD2
Write
PA3
PD3 Write
PA4
PD4
Clear Status
Register
1Write
X
50h
Program/Erase
Suspend
1Write
X
B0h
Program/Erase
Resume
1Write
X
D0h
Protection
Register Program
2Write
X
C0h
Write
PRA
PRD
Code
Device
E
G
W
A0
A1
A2-A7
A8-A20
A8-A21(2)
DQ0-DQ7
DQ8-DQ15
Manufacture
Code
VIL
VIL
VIH
VIL
VIL
0
Don't Care
20h
00h
Device Code
M28W320FSU
VIL
VIL
VIH
VIH
VIL
0
Don't Care
0Ch
88h
M28W640FSU
VIL
VIL
VIH
VIH
VIL
0
Don't Care
57h
88h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com