Electronic Components Datasheet Search
  English  ▼

X  

TL50BGYRAOS4Q Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # TL50BGYRAOS4Q
Description  TL50 Tower Light
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL50BGYRAOS4Q Datasheet(HTML) 2 Page - Banner Engineering Corp.

  TL50BGYRAOS4Q Datasheet HTML 1Page - Banner Engineering Corp. TL50BGYRAOS4Q Datasheet HTML 2Page - Banner Engineering Corp. TL50BGYRAOS4Q Datasheet HTML 3Page - Banner Engineering Corp. TL50BGYRAOS4Q Datasheet HTML 4Page - Banner Engineering Corp. TL50BGYRAOS4Q Datasheet HTML 5Page - Banner Engineering Corp. TL50BGYRAOS4Q Datasheet HTML 6Page - Banner Engineering Corp. TL50BGYRAOS4Q Datasheet HTML 7Page - Banner Engineering Corp. TL50BGYRAOS4Q Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Omni-Directional4 Sealed Audible Model 1
# of LED
Colors
LED Colors 2
Connection 3
Inputs
Continuous
Pulsed at 1.6 Hz
Staccato
TL50RAOSQ
TL50RAOS3Q
TL50RAOS4Q
1
Red
Integral 4-pin M12/Euro-style
quick disconnect
Bimodal
(NPN
or
PNP)
TL50GRAOSQ
TL50GRAOS3Q
TL50GRAOS4Q
2
Green, Red
TL50GYRAOSQ
TL50GYRAOS3Q
TL50GYRAOS4Q
3
Green, Yellow, Red
Integral 5-pin M12/Euro-style
quick disconnect
TL50BGYRAOSQ
TL50BGYRAOS3Q
TL50BGYRAOS4Q
4
Blue, Green, Yellow, Red
Integral 8-pin M12/Euro-style
quick disconnect
TL50WBGYRAOSQ
TL50WBGYRAOS3Q TL50WBGYRAOS4Q
5
White, Blue, Green, Yellow, Red
Omni-Directional4 Sealed Audible Model with Intensity Adjustment 1
# of LED
Colors
LED Colors 2
Connection 3
Inputs
Continuous
Pulsed at 1.6 Hz
Staccato
TL50RAOSIQ
TL50RAOS3IQ
TL50RAOS4IQ
1
Red
Integral 4-pin M12/Euro-style
quick disconnect
Bimodal
(NPN
or
PNP)
TL50GRAOSIQ
TL50GRAOS3IQ
TL50GRAOS4IQ
2
Green, Red
TL50GYRAOSIQ
TL50GYRAOS3IQ
TL50GYRAOS4IQ
3
Green, Yellow, Red
Integral 5-pin M12/Euro-style
quick disconnect
TL50BGYRAOSIQ
TL50BGYRAOS3IQ
TL50BGYRAOS4IQ
4
Blue, Green, Yellow, Red
Integral 8-pin M12/Euro-style
quick disconnect
TL50WBGYRAOSIQ
TL50WBGYRAOS3IQ
TL50WBGYRAOS4IQ
5
White, Blue, Green, Yellow, Red
Wiring Diagram — 4-Pin Models with 1 to 3 Segments
PNP Input
Indicator
Color
3
4
1
2
C2/A
C3/A
C1
18-30V dc
24V ac
NPN Input
Indicator
Color
3
4
1
2
C1
C2/A
C3/A
18-30V dc
24V ac
Key:
1 = Brown
2 = White
3 = Blue
4 = Black
C1 = Color 1
C2 = Color 2
C3 = Color 3
A = Audible
Pins 1 and 2 can activate the
corresponding color or the audible
function, if available.
Wiring Diagram – 5-Pin Models with 4 Segments
PNP Input
Indicator
Color
C2
C3
C1
C4/A
3
4
1
2
5
18-30V dc
24V ac
NPN Input
Indicator
Color
C2
C3
C1
C4/A
3
4
1
2
5
18-30V dc
24V ac
Key:
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
C1 = Color 1
C2 = Color 2
C3 = Color 3
C4 = Color 4
A = Audible
Pin 5 can activate the corresponding color or the audible function, if available.
4 Sound exits at 45°.
TL50 Tower Light
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 142406 Rev. R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com