Electronic Components Datasheet Search
  English  ▼

X  

2962913 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2962913
Description  UM 45-16RM/MR-G24/1/PLC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2962913 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2962913 Datasheet HTML 1Page - PHOENIX CONTACT 2962913 Datasheet HTML 2Page - PHOENIX CONTACT 2962913 Datasheet HTML 3Page - PHOENIX CONTACT 2962913 Datasheet HTML 4Page - PHOENIX CONTACT 2962913 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UM 45-16RM/MR-G24/1/PLC Order No.: 2962913
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2962913
PHOENIX CONTACT Deutschland GmbH
Page 3 / 5
http://www.phoenixcontact.de
Mar 24, 2010
Connection data
Connection 1
PCB connection
Type of connection
Screw connection
Number of positions
3
Conductor cross section stranded min.
0.14 mm²
Conductor cross section stranded max.
1.5 mm²
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
1.5 mm²
Conductor cross section AWG/kcmil min.
26
Conductor cross section AWG/kcmil max
14
Screw thread
M3
Stripping length
8 mm
Connection 2
Flat-ribbon cable connection
Type of connection
Flat-ribbon cable plug connector in acc. with IEC 60603-13
Number of positions
50
Certificates / Approvals
Certification
GOST
Additional products
Item
Designation
Description
General
2962926
UM 45-16RM/MR-G24/1/E/PLC
VARIOFACE COMPACT LINE, output expansion module with 16
miniature relays, 1 N/O contact each, plugged, for 24 V DC (incl.
relay)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com