Electronic Components Datasheet Search
  English  ▼

X  

S-8245C Datasheet(PDF) 20 Page - ABLIC Inc.

Part # S-8245C
Description  BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-8245C Datasheet(HTML) 20 Page - ABLIC Inc.

Back Button S-8245C Datasheet HTML 16Page - ABLIC Inc. S-8245C Datasheet HTML 17Page - ABLIC Inc. S-8245C Datasheet HTML 18Page - ABLIC Inc. S-8245C Datasheet HTML 19Page - ABLIC Inc. S-8245C Datasheet HTML 20Page - ABLIC Inc. S-8245C Datasheet HTML 21Page - ABLIC Inc. S-8245C Datasheet HTML 22Page - ABLIC Inc. S-8245C Datasheet HTML 23Page - ABLIC Inc. S-8245C Datasheet HTML 24Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
S-8245A/C Series
Rev.1.4_00
20
10. PSI pin
When the PSI pin is activated, the power-saving function starts to operate, and most operations halt. In this case, the
CO pin changes to high impedance, DO pin changes to the VSS level, and the PSO pin changes to the VDD level.
Table 14 Status Set by PSI Pin
PSI Pin
CO Pin
DO Pin
PSO Pin
VPSI  PSI pin voltage  VDD level
"H"
"H"
VSS level
VSS level  PSI pin voltage  VPSI
High impedance
VSS level
VDD level
VPSI_C  PSI pin voltage  VSS level
High impedance
VSS level
VDD level
PSI pin voltage
 VPSI_C
"H"
"H"
VSS level
Remark The PSI pin is at the VSS level or lower in cascade connection.
Connect a resistor of 5.1 M
 to the PSI pin in this case.
VPSI:
PSI pin reverse voltage
VPSI_C:
PSI pin reverse voltage during communication
The S-8245A/C Series is initialized and the power-saving function is released by deactivating the PSI pin. As a result,
each detection operation is carried out after returning to the normal status.
11. Temperature detection
Serially connect an NTC and a low temperature-dependent resistor (RTH) between the VDD pin and the VREG pin,
and then connect their middle point to the TH pin. It allows for temperature detection at four different points: high
temperature detection during charging, low temperature detection during charging, high temperature detection during
discharging, low temperature detection during discharging.
When the temperature rises, according to the NTC temperature characteristics, the resistance (RNTC) decreases, and
the ratio between RNTC and RTH changes, and then the TH pin voltage (VTH) increases.
When the temperature falls, according to the NTC temperature characteristics, the resistance (RNTC) increases, and
the ratio between RNTC and RTH changes, and then the TH pin voltage (VTH) decreases.
The temperature detection during charging and temperature detection during discharging switch by comparing the VM
pin voltage (VVM) and charge-discharge discriminating voltage (VCHG).
If the relation between RNTC, RTH, and VVM satisfies the itemized condition in Table 15 in each temperature detection,
and each status continues for the temperature detection delay time (tTH) or longer, the CO pin changes to high
impedance, and the DO pin changes to the VSS level. This is the temperature protection status.
If the itemized condition in Table 15 is not satisfied in each temperature detection, and each status continues for tTH or
longer, the temperature protection status is released.
Table 15 Conditions for Each Temperature Detection
Item
TH Pin
VM Pin
CO Pin
DO Pin
High temperature detection during charging
rTHCH  RTH / (RNTC  RTH)
VVM  VCHG
High impedance
VSS level
Low temperature detection during charging
rTHCL  RTH / (RNTC  RTH)
VVM  VCHG
High temperature detection during discharging rTHDH  RTH / (RNTC  RTH)
VVM  VCHG
Low temperature detection during discharging
rTHDL  RTH / (RNTC  RTH)
VVM  VCHG
Remark rTHCH:
High temperature detection ratio during charging
rTHCL:
Low temperature detection ratio during charging
rTHDH:
High temperature detection ratio during discharging
rTHDL:
Low temperature detection ratio during discharging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com