Electronic Components Datasheet Search
  English  ▼

X  

BUJ103AX Datasheet(PDF) 2 Page - WeEn Semiconductors

Part # BUJ103AX
Description  Silicon Diffused Power Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

BUJ103AX Datasheet(HTML) 2 Page - WeEn Semiconductors

  BUJ103AX Datasheet HTML 1Page - WeEn Semiconductors BUJ103AX Datasheet HTML 2Page - WeEn Semiconductors BUJ103AX Datasheet HTML 3Page - WeEn Semiconductors BUJ103AX Datasheet HTML 4Page - WeEn Semiconductors BUJ103AX Datasheet HTML 5Page - WeEn Semiconductors BUJ103AX Datasheet HTML 6Page - WeEn Semiconductors BUJ103AX Datasheet HTML 7Page - WeEn Semiconductors BUJ103AX Datasheet HTML 8Page - WeEn Semiconductors BUJ103AX Datasheet HTML 9Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
August
2018
1
Rev 1.
100
WeEn Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ103AX
GENERAL DESCRIPTION
High-voltage, high-speed planar-passivated npn power switching transistor in a plastic full-pack envelope intended
for use in high frequency electronic lighting ballast applications, converters, inverters, switching regulators, motor
control systems, etc.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VCESM
Collector-emitter voltage peak value
VBE = 0 V
-
700
V
VCBO
Collector-Base voltage (open emitter)
-
700
V
V
CEO
Collector-emitter voltage (open base)
-
400
V
IC
Collector current (DC)
-
4
A
ICM
Collector current peak value
-
8
A
P
tot
Total power dissipation
T
hs ≤ 25 ˚C
-
26
W
VCEsat
Collector-emitter saturation voltage
0.25
1.0
V
hFEsat
DC current gain
IC = 3 A; VCE = 5 V
12.5
-
t
f
Fall time
Ic=2A,I
B1=0.4A
33
80
ns
PINNING - SOT186A
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
base
2
collector
3
emitter
mb isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCESM
Collector to emitter voltage
VBE = 0 V
-
700
V
V
CEO
Collector to emitter voltage (open base)
-
400
V
VCBO
Collector to base voltage (open emitter)
-
700
V
IC
Collector current (DC)
-
4
A
I
CM
Collector current peak value
-
8
A
IB
Base current (DC)
-
2
A
IBM
Base current peak value
-
4
A
P
tot
Total power dissipation
T
hs ≤ 25 ˚C
-
26
W
Tstg
Storage temperature
-65
150
˚C
Tj
Junction temperature
-
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-hs
Junction to heatsink
with heatsink compound
-
4.8
K/W
Rth j-a
Junction to ambient
in free air
55
-
K/W
2
3
1
3
2
1
mb



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com