Electronic Components Datasheet Search
  English  ▼

X  

ML2252 Datasheet(PDF) 21 Page - OKI electronic componets

Part # ML2252
Description  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2252 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button ML2252 Datasheet HTML 17Page - OKI electronic componets ML2252 Datasheet HTML 18Page - OKI electronic componets ML2252 Datasheet HTML 19Page - OKI electronic componets ML2252 Datasheet HTML 20Page - OKI electronic componets ML2252 Datasheet HTML 21Page - OKI electronic componets ML2252 Datasheet HTML 22Page - OKI electronic componets ML2252 Datasheet HTML 23Page - OKI electronic componets ML2252 Datasheet HTML 24Page - OKI electronic componets ML2252 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
FEDL2250DIGEST-01
OKI Semiconductor
ML2252/54-XXX, ML22Q54
21/31
Commands List
Each command is 1-byte (8 bits) input. PLAY, MUON, and FLASH I/F only are 2 bytes input.
Command
D7
D6
D5
D4
D3
D2
D1
D0
Description
PUP1
0
0
0
0
0
0
0
0
Instantly shifts the power down device to the
command standby state.
PUP2
0
0
0
1
0
0
0
0
Suppresses pop noise and shifts the power
down device to the command standby state.
PDWN1
0
0
1
0
0
0
0
0
Instantly shifts the device from the command
standby state to the power down state.
PDWN2
0
0
1
1
0
0
0
0
Suppresses pop noise and shifts the device
from the command standby state to power down
state.
0
1
0
0
0
0
C1
C0
PLAY
F7
F6
F5
F4
F3
F2
F1
F0
Inputs the phrase after the playback channel is
specified, and then starts the playback.
START
0
1
0
1
0
0
C1
C0
Playback start command with phrase
specification. Inputs the phrase after the
playback channel is specified, and then starts
the playback.
Playback start command without phrase
specification. Inputs the phrase with the FADR
command and starts the playback on multiple
channels at the same time.
0
1
1
0
0
0
C1
C0
FADR
M7
M6
M5
M4
M3
M2
M1
M0
Phrase specification command.
With this command, specifies the playback
phrase for each channel.
STOP
0
1
1
1
0
0
C1
C0
Specifies the finish channel and ends the voice.
1
0
0
0
0
0
C1
C0
MUON
M7
M6
M5
M4
M3
M2
M1
M0
Inserts silence time after specifying the channel
to insert silence, and then inserts silence.
SLOOP
1
0
0
1
0
0
C1
C0
Repeats the playback mode setting command.
Effective only for the channel being used for
playback.
CLOOP
1
0
1
0
0
0
C1
C0
Repeat playback mode releasing command.
Inputting the STOP command releases repeat
playback mode automatically.
1
0
1
1
0
0
C1
C2
VOL
V7
V6
V5
V4
V3
V2
V1
V0
Specifies the channel whose sound volume is to
be set, and then sets the volume of that channel.
EXT
1
1
0
0
0
0
0
0
Inputs voice data from the CPU I/F to play it
back.
Flash I/F
1
1
0
1
BE
SE
WR
RD
Performs data read/write/erase of the built-in
flash memory. This command cannot be used
while the playback is going on. (Applicable to the
ML22Q54.)
C1, C0:
Channel specification (C0 = “1”: Channel 1; CH = “1”: Channel 2; C0, C1 = “1”:
Channel 1, Channel 2)
F7 to F0:
Phrase address
M7 to M0:
Silence time length
X0:
Releases the repeated playback
V4 to V0:
Sound volume
RD, WR, SE, BE: Mode (RD = “1”: Read data; WR = “1”: Write data; SE = “1”: Erase sector; BE = “1”:
Erase block)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com