Electronic Components Datasheet Search
  English  ▼

X  

ML2254 Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML2254
Description  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2254 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML2254 Datasheet HTML 9Page - OKI electronic componets ML2254 Datasheet HTML 10Page - OKI electronic componets ML2254 Datasheet HTML 11Page - OKI electronic componets ML2254 Datasheet HTML 12Page - OKI electronic componets ML2254 Datasheet HTML 13Page - OKI electronic componets ML2254 Datasheet HTML 14Page - OKI electronic componets ML2254 Datasheet HTML 15Page - OKI electronic componets ML2254 Datasheet HTML 16Page - OKI electronic componets ML2254 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
FEDL2250DIGEST-01
OKI Semiconductor
ML2252/54-XXX, ML22Q54
13/31
ABSOLUTE MAXIMUM RATINGS
(GND = 0 V)
Parameter
Symbol
Condition
Rating
Unit
Power supply voltage
VDD
–0.3 to +7.0
V
Input voltage
VIN
Ta = 25°C
–0.3 to VDD +0.3
V
Storage temperature
TSTG
—
–55 to +150
°C
RECOMMENDED OPERATING CONDITIONS (3 V)
ML2252/54-XXX, ML22Q54
(GND = 0 V)
Parameter
Symbol
Condition
Range
Unit
Power supply voltage
VDD
—
2.7 to 3.6
V
ML2252/54-XXX
–40 to +85
Operating temperature
TOP
ML22Q54
0 to +70
°C
Min.
Typ.
Max.
Master clock frequency
fOSC
—
3.5
4.096
4.5
MHz
RECOMMENDED OPERATING CONDITIONS (5 V)
ML2252/54-XXX
(GND = 0 V)
Parameter
Symbol
Condition
Range
Unit
Power supply voltage
VDD
—
4.5 to 5.5
V
Operating temperature
TOP
—
–40 to +85
°C
Min.
Typ.
Max.
Master clock frequency
fOSC
—
3.5
4.096
4.5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com