Electronic Components Datasheet Search
  English  ▼

X  

AB145 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AB145
Description  MINIATURE CYLINDER HIGH FREQUENCY CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB145 Datasheet(HTML) 1 Page - Abracon Corporation

  AB145 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions: inch (mm)
Nominal Frequency
Operating Temperature
Storage Temperature
Frequency Tolerance
Frequency Stability
Equivalent Series Resistance
Load Capacitance CL
Shunt Capacitance
Drive Level
Aging at 25°C/year
Insulation Resistance
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
|||||||||||||||
AB145
MINIATURE CYLINDER HIGH FREQUENCY CRYSTAL
MINIATURE CYLINDER HIGH FREQUENCY CRYSTAL
MINIATURE CYLINDER HIGH FREQUENCY CRYSTAL
STANDARD SPECIFICATIONS:
OUTLINE DRAWING:
TABLE 1:
OPTIONS AND PART IDENTIFICATION (Left blank if standard):
5.1 x 1.5mm
30.000 to 70.000 (3 OT)
100
Frequency Range (MHz)
40
16.000 to 19.999 (Fund)
Max ESR (
Ω)
30
20.000 to 29.999 (Fund)
AB145 - Frequency - CL - ESR - Tolerance - Stability - Packaging
Freq Tolerance options:
1 for ± 10 ppm max.
7 for ± 15 ppm max.
2 for ± 20 ppm max.
3 for ± 25 ppm max.
5 for ± 50 ppm max.
CL options:
Load cap. in pF (minimum 10 pF)
S for Series Resonance
ESR options:
RXXX (value in ohms max.)
Packaging option:
T for Tape and Reel
Freq Stability options:
U for ± 10 ppm max.
G for ± 15 ppm max.
X for ± 20 ppm max.
W for ± 25 ppm max.
H for ± 35 ppm max.
Z for ± 50 ppm max.
ENVIRONMENTAL AND MECHANICAL SPECIFICATIONS:
• Shock: Drop test of 3 times on a hard board from 75cm. ±5ppm max. R within spec.
• Vibration: Frequency with an amplitude of 1.5mm or accelearation 10g sweeping between 10Hz to
55Hz within 1 minute for 2 hours minimum on each axis. (X, Y, Z). ±5ppm max. R within spec.
• Terminal strength: Apply 0.5kg load to each terminal and sustain it for 30±5seconds.
No visible damage
• Solderability: Dip terminals in RMA flux for 5±0.5sec at room temp. then solder dip at 230°C ± 5°C
for 5±0.5sec. 90% coverage with fresh solder.
• Leak test: Take measurments with Helium leak detector. 1*10-2
µPa*m3/S
• Thermal Shock: Subject to 5 temperature cycles from -40°C for 30min to 100°C for 30min each cycle.
Variation between pre-test and post-test frequencies shall remain between ±5ppm. R within spec.
*RoHS COMPLIANT
APPLICATIONS:
• Communications equipment
• Measuring instruments
• Audio and video equipment
FEATURES:
• Miniature high frequency crystals
• Excellent frequency vs. temperature stability
• Industrial temperature range available
• Hand held devices
• Portable electronics
• Microprocessor clocks
PARAMETERS
16.000MHz - 70.000MHz
-10°C to + 60°C
-40°C to +85°C
± 30 ppm max. at +25°C (see option)
± 30 ppm max. (see option)
See Table 1
16pF (see option)
7pF
500
µW max., 100µW correlation
± 5ppm max.
500 M
Ω min. at 100 Vdc ± 15V
rd


Similar Part No. - AB145

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
AB142 LUMILEDS-AB142 Datasheet
1Mb / 16P
Assembly and handling information
AB144 LUMILEDS-AB144 Datasheet
3Mb / 20P
Assembly and handling information
logo
Microdiode Semiconducto...
AB14S CHENDA-AB14S Datasheet
676Kb / 2P
4 0 to 200 Volts Current - 1.0 Ampere
AB14S CHENDA-AB14S Datasheet
751Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
AB14S CHENDA-AB14S Datasheet
455Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - AB145

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG-636 ETC1-SG-636 Datasheet
68Kb / 2P
HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Epson Company
C-001R EPSON-C-001R Datasheet
133Kb / 2P
SMALL CYLINDER LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
SG-710 EPSON-SG-710 Datasheet
124Kb / 2P
HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
STATEK CORPORATION
CXOX STATEK-CXOX Datasheet
85Kb / 2P
Ultra-Miniature Surface Mount High Frequency Crystal Oscillator
logo
EUROQUARTZ limited
FN07090 EUROQUARTZ-FN07090 Datasheet
46Kb / 1P
HIGH FREQUENCY CRYSTAL FILTER
logo
Vanlong Technology Co.,...
CX310 VANLONG-CX310 Datasheet
33Kb / 1P
Micro Miniature Cylinder Type Crystal
CX310 VANLONG-CX310_13 Datasheet
40Kb / 1P
Micro Miniature Cylinder Type Crystal
logo
Golledge Electronics Lt...
GSX-228 GOLLEDGE-GSX-228 Datasheet
589Kb / 5P
High Frequency Fundamental Mode Ultra-Miniature SM Crystal
GSX-328 GOLLEDGE-GSX-328 Datasheet
590Kb / 5P
High Frequency Fundamental Mode Miniature SM Crystal
GSX-2 GOLLEDGE-GSX-2_18 Datasheet
561Kb / 4P
High Frequency Miniature SM Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com