Electronic Components Datasheet Search
  English  ▼

X  

ABDFTCXO Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABDFTCXO
Description  DUAL OUTPUT STRATUM-III SMD TCXO & VCTCXO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABDFTCXO Datasheet(HTML) 1 Page - Abracon Corporation

  ABDFTCXO Datasheet HTML 1Page - Abracon Corporation ABDFTCXO Datasheet HTML 2Page - Abracon Corporation ABDFTCXO Datasheet HTML 3Page - Abracon Corporation ABDFTCXO Datasheet HTML 4Page - Abracon Corporation ABDFTCXO Datasheet HTML 5Page - Abracon Corporation ABDFTCXO Datasheet HTML 6Page - Abracon Corporation ABDFTCXO Datasheet HTML 7Page - Abracon Corporation ABDFTCXO Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LLC
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 05.19.2017
DUAL OUTPUT STRATUM-III SMD TCXO & VCTCXO
ABDFTCXO/ABDFVCTCXO SERIES
MSL = 3
9.0 x 14.0 x 3.0mm
Pb RoHS/RoHS II Compliant
ESD SENSITIVE
FEATURES
APPLICATIONS
OPTIONS AND PART IDENTIFICATION
ABDFTCXO OR ABDFVCTCXO -
MHz -
-
-
OPERATING
TEMP. RANGE
E: -20°C to +70°C
L: -40°C to +85°C
FREQ.
STABILITY
1: ±100ppb*
2: ±280ppb
PACKAGING
Blank: Bulk**
T5: 500 pcs/reel
T2: 250 pcs/reel
CT: Cut Tape***
**Bulk devices are not in MSL-3
compliant packaging
***Cut Tape devices available in
25pc, 50pc, & 100pc quantities
(MSL-3 compliant)
*Available Q4-2017
*F0 > 40MHz, available in Q4-2017
OUTPUT 1 (F
0) IN MHZ
Please specify the frequency
Output 1 (F0) in MHz e.g.
16.384MHz
TYPICAL OPERATING CIRCUIT
DIGITAL FPGA BASED PLL WITH PRECISION STRATUM-III HOLDOVER
• Communications and Networking
• Synchronization
• PLL with Holdover
• Geolocation, RTLS, GPS
• Synchronous Ethernet
• IEEE1588
• Instrumentation, test and measurement
• Femtocells, picocells (BTS)
• Oil and gas exploration
• Phase and frequency coherent dual output
• F0 and F0÷2 with integrated precision fanout buffers
• Meets ±280ppb Stratum-III stability requirements
• Excellent ±1ppm aging with ±4.6ppm guaranteed lifetime accuracy
• 5 to 52MHz standard and custom frequencies available
• TCXO or VCTCXO functionality available
• ±5ppm minimum pull with 0.5% typ linearity (VCTCXO only)
• LVCMOS outputs
• 10pin package
• -40°C to 85°C operation


Similar Part No. - ABDFTCXO

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
ABD KEYSIGHT-ABD Datasheet
3Mb / 26P
U2000 Series USB Power Sensors
March 23, 2016
logo
List of Unclassifed Man...
ABD-100 ETC2-ABD-100 Datasheet
2Mb / 30P
TWTD Series Full Size NEMA Pushbuttons
logo
Gamewell-FCI by Honeywe...
ABD-2F GAMEWELL-FCI-ABD-2F Datasheet
67Kb / 2P
Single-ended reflected type beam smoke sensor
ABD-RT2F GAMEWELL-FCI-ABD-RT2F Datasheet
67Kb / 2P
Single-ended reflected type beam smoke sensor
ABD-RT2F GAMEWELL-FCI-ABD-RT2F Datasheet
63Kb / 2P
Single-Ended Reflected Type Beam Smoke Sensor
More results

Similar Description - ABDFTCXO

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX331 FOX-FOX331 Datasheet
238Kb / 2P
3.3V SMD Stratum III HCMOS TCXO/VCTCXO
logo
Abracon Corporation
AST3 ABRACON-AST3 Datasheet
223Kb / 2P
STRATUM -III SMD VCTCXO
1.14.08
logo
QUARTZCOM the communica...
VTO-P9-H-6P-ST3 QUARTZCOM-VTO-P9-H-6P-ST3 Datasheet
116Kb / 1P
STRATUM-III SMD VC-TCXO HCMOS Output signal HCMOS
logo
Fox Electronics
FOX321 FOX-FOX321 Datasheet
38Kb / 1P
3.3V 5032 SMD Stratum III HCMOS TCXO/VCTCXOMODEL
FOX321ER FOX-FOX321ER Datasheet
38Kb / 1P
3.3V 5032 SMD Stratum III HCMOS TCXO
FOX331AR FOX-FOX331AR Datasheet
359Kb / 2P
3.3V SMD Stratum III HCMOS TCXO/VCTCXO
logo
QUARTZCOM the communica...
TX7-503C-SQ-ST3 QUARTZCOM-TX7-503C-SQ-ST3 Datasheet
100Kb / 1P
High precision analogue compensated STRATUM III SMD TCXO
TX7-503-SQ-ST3 QUARTZCOM-TX7-503-SQ-ST3 Datasheet
100Kb / 1P
High precision analogue compensated STRATUM III SMD TCXO
TX7-705-TQ-ST3 QUARTZCOM-TX7-705-TQ-ST3 Datasheet
104Kb / 1P
High precision analogue compensated STRATUM III SMD TCXO
logo
Transko Electronics, In...
TX-V TRANSKO-TX-V Datasheet
349Kb / 2P
STRATUM III MINIATURE CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 1.9mm)
Rev 3: 03-02-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com