Electronic Components Datasheet Search
  English  ▼

X  

DB301S Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # DB301S
Description  Glass Passivated Single-Phase Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DB301S Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  DB301S Datasheet HTML 1Page - First Silicon Co., Ltd DB301S Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Glass Passivated Single-Phase Bridge Rectifier
Reverse Voltage 100 and 1000V Forward Current 3.0A
Features
◆
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
◆
Ideal for printed circuit boards
◆
High surge current capability
Mechanical Data
◆
Case: DBS Molded plastic body
◆
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
◆
High temperature soldering guaranteed:
260℃/10 seconds, 0.375 (9.5mm) lead length,
5lbs.(2.3kg) tension
Mounting Position: Any
Dimensions in millimeters
Maximum Ratings & Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter
Symbol
DB301S
DB302S
DB303S
DB304S
DB305S
DB306S
DB307S
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Average forward rectified output current
IF(AV)
A
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
Rating for fusig (t<8.3ms)
I
2t
A
2sec
Maximum instantaneous forward voltage drop
per leg at 2.0A
Maximum DC reverse current at
Tj=25℃
rated DC blocking voltage per leg
Tj=125℃
RθJA
RθJL
Operating junction temperature range
TJ
℃
Storage temperature range
TSTG
℃
Note
(1) Units mounted on PCB with 0.47×0.47(12×12mm) Copper Pads
26.5
Typical thermal resistance per leg (Note 1)
VF
IFSM
V
3.0
500
A
5.0
-55 to +150
IR
-55 to +150
℃/W
40
80
15
1.00
mA
SEMICONDUCTOR
TECHNICAL DATA
DB301S ~ DB307S
2018. 04. 12
1/2
Revision No : 0


Similar Part No. - DB301S

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
DB301S DYELEC-DB301S Datasheet
1Mb / 2P
SINGLE PHASE 3 . 0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
DB301S JUXING-DB301S Datasheet
1Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
DB301S ZSELEC-DB301S Datasheet
73Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
DB301S JUXING-DB301S Datasheet
1Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Nanjing International G...
DB301S DGNJDZ-DB301S Datasheet
1Mb / 3P
DBS Plastic-Encapsulate Bridge R ectifier
More results

Similar Description - DB301S

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A GE-GBU4A Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com