Electronic Components Datasheet Search
  English  ▼

X  

DTA601 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # DTA601
Description  Bias Resistor Transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTA601 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  DTA601 Datasheet HTML 1Page - First Silicon Co., Ltd DTA601 Datasheet HTML 2Page - First Silicon Co., Ltd DTA601 Datasheet HTML 3Page - First Silicon Co., Ltd DTA601 Datasheet HTML 4Page - First Silicon Co., Ltd DTA601 Datasheet HTML 5Page - First Silicon Co., Ltd DTA601 Datasheet HTML 6Page - First Silicon Co., Ltd DTA601 Datasheet HTML 7Page - First Silicon Co., Ltd DTA601 Datasheet HTML 8Page - First Silicon Co., Ltd DTA601 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2008. 8. 28
5/11
Revision No : 0
DTA601~611, DTA617, DTA622
TYPICAL ELECTRICAL CHARACTERISTICS − DTA602
Figure 3. VCE(sat) versus IC
100
10
1
0
Vin, INPUT VOLTAGE (VOLTS)
TA
°C
25°C
Figure 4. DC Current Gain
e
g
a
tl
o
V
t
u
p
n
I
s
u
s
r
e
v
t
n
e
r
r
u
C
t
u
p
t
u
O
.
6
e
r
u
g
i
F
e
c
n
a
ti
c
a
p
a
C
t
u
p
t
u
O
.
5
e
r
u
g
i
F
Figure 7. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
1
50
1000
0
0
1
0
1
1
IC, COLLECTOR CURRENT (mA)
TA
°C
−25℃
100
10
0
IC, COLLECTOR CURRENT (mA)
1
10
100
TA
°C
25℃
75°C
75°C
IC/IB= 10
50
0
10
20
30
40
4
3
1
2
VR, REVERSE BIAS VOLTAGE (VOLTS)
0
TA
°C
25℃
75℃
25°C
VCE =10V
f = 1MHz
lE = 0V
TA =25℃
VO = 5V
VO =0.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com