Electronic Components Datasheet Search
  English  ▼

X  

DTA602 Datasheet(PDF) 13 Page - First Silicon Co., Ltd

Part # DTA602
Description  Bias Resistor Transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTA602 Datasheet(HTML) 13 Page - First Silicon Co., Ltd

Back Button DTA602 Datasheet HTML 8Page - First Silicon Co., Ltd DTA602 Datasheet HTML 9Page - First Silicon Co., Ltd DTA602 Datasheet HTML 10Page - First Silicon Co., Ltd DTA602 Datasheet HTML 11Page - First Silicon Co., Ltd DTA602 Datasheet HTML 12Page - First Silicon Co., Ltd DTA602 Datasheet HTML 13Page - First Silicon Co., Ltd DTA602 Datasheet HTML 14Page - First Silicon Co., Ltd DTA602 Datasheet HTML 15Page - First Silicon Co., Ltd DTA602 Datasheet HTML 16Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TYPICAL ELECTRICAL CHARACTERISTICS
DTC108
OUTPUT CURRENT : IO
(A)
100µ 200µ 500µ 1m 2m
5m 10m 20m 50m 100m
100
50
20
10
5
2
1
500m
200m
100m
VO=0.3V
Ta=−40°C
25°C
100°C
Fig.1 Input voltage vs. output current
(ON characteristics)
INPUT VOLTAGE : VI(off)
(V)
0
3.0
10m
1µ
2m
5m
1m
200µ
500µ
100µ
20µ
50µ
10µ
2µ
5µ
0.5
1.0
1.5
2.0
2.5
VCC=5V
Fig.2 Output current vs. input voltage
(OFF characteristics)
Ta=100°C
25°C
−
40°C
VO=5V
100µ 200µ 500µ 1m 2m
5m 10m 20m 50m 100m
1k
500
200
100
50
20
10
5
2
1
OUTPUT CURRENT : IO
(A)
Fig.3 DC current gain vs. output
current
Ta=100°C
25°C
−
40°C
100µ 200µ 500µ 1m 2m
5m 10m 20m 50m 100m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
lO/lI=20
OUTPUT CURRENT : IO
(A)
Fig.4 Output voltage vs. output
current
Ta=100°C
25°C
−
40°C
DTC 101 ~ 108, DTC 110 ~ 112 /114 /117, DTC 123 / 124
2008. 8. 28
13/16
Revision No : 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com