Electronic Components Datasheet Search
  English  ▼

X  

DTC104 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # DTC104
Description  Bias Resistor Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTC104 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  DTC104 Datasheet HTML 1Page - First Silicon Co., Ltd DTC104 Datasheet HTML 2Page - First Silicon Co., Ltd DTC104 Datasheet HTML 3Page - First Silicon Co., Ltd DTC104 Datasheet HTML 4Page - First Silicon Co., Ltd DTC104 Datasheet HTML 5Page - First Silicon Co., Ltd DTC104 Datasheet HTML 6Page - First Silicon Co., Ltd DTC104 Datasheet HTML 7Page - First Silicon Co., Ltd DTC104 Datasheet HTML 8Page - First Silicon Co., Ltd DTC104 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PIN 1
BASE
(INPUT)
PIN 3
COLLECTOR
(OUTPUT)
PIN 2
EMITTER
(GROUND)
R
1
R
2
SOT–23 (TO–236AB)
NPN Silicon Surface Mount Transistor
with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single
device and its external resistor bias network. The BRT (Bias Resistor
Transistor) contains a single transistor with a monolithic bias network
resistor. The BRT eliminates these individual components by
integrating them into a single device. The use of a BRT can reduce
both system cost and board space. The device is housed in the SOT-23
package which is designed for low power surface mount applications.
• Simplifies Circuit Design
• Reduces Board Space and Component Count
• The SOT-23 package can be soldered using wave or reflow. The
modified gull-winged leads absorb thermal stress during soldering
eliminating the possibility of damage to the die.
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
DEVICE MARKING AND RESISTOR VALUES
1. Device mounted on a FR-4 glass epoxy printed circuit board using the
minimum recommended footprint.
Bias Resistor Transistor
2008. 8. 28
1/16
SEMICONDUCTOR
TECHNICAL DATA
DTC 101 ~ 108
DTC 110 ~ 112 / 114 /117
DTC 123 / 124
Revision No : 1
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
Total Power Dissipation @ TA = 25 C
(Note 1.) Derate above 25 C
PD
246
1.5
mW
C/W
Device
Marking
R1(K)
R2(K)
DTC102
A8A
10
10
DTC103
A8B
22
22
DTC104
A8C
47
47
DTC107
A8D
10
47
DTC111
A8E
10
∞
DTC110
A8F
4.7
∞
DTC123
A8G
1.0
1.0
DTC117
A8H
2.2
2.2
DTC106
A8K
4.7
47
DTC108
A8L
22
47
DTC105
A8M
2.2
47
DTC124
A8R
2.2
∞
DTC112
A8U
100
∞
3000/Tape & Reel
A8J
4.7
4.7
DTC101
3000/Tape & Reel
3000/Tape & Reel
3000/Tape & Reel
3000/Tape & Reel
3000/Tape & Reel
3000/Tape & Reel
3000/Tape & Reel
3000/Tape & Reel
3000/Tape & Reel
3000/Tape & Reel
3000/Tape & Reel
3000/Tape & Reel
3000/Tape & Reel
Shipping
1
3
2
DTC114
A8T
47
∞
3000/Tape & Reel


Similar Part No. - DTC104

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DTC10-N SANYO-DTC10-N Datasheet
101Kb / 3P
10A Bidirectional Thyristor?
logo
First Silicon Co., Ltd
DTC109 FS-DTC109 Datasheet
133Kb / 4P
Bias Resistor Transistors
logo
Sanyo Semicon Device
DTC10C-N SANYO-DTC10C-N Datasheet
101Kb / 3P
10A Bidirectional Thyristor?
DTC10E-N SANYO-DTC10E-N Datasheet
101Kb / 3P
10A Bidirectional Thyristor?
DTC10G-N SANYO-DTC10G-N Datasheet
101Kb / 3P
10A Bidirectional Thyristor?
More results

Similar Description - DTC104

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
Bias Resistor Transistor
logo
ON Semiconductor
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
Bias Resistor Transistor
October, 2004 ??Rev. 7
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
Bias Resistor Transistor
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
Bias Resistor Transistor
February, 2006 ??Rev. 8
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
Bias Resistor Transistor
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
Bias Resistor Transistor
LDTB113ZLT1G LRC-LDTB113ZLT1G_15 Datasheet
282Kb / 3P
Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com