Electronic Components Datasheet Search
  English  ▼

X  

DTA608 Datasheet(PDF) 10 Page - First Silicon Co., Ltd

Part # DTA608
Description  Bias Resistor Transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTA608 Datasheet(HTML) 10 Page - First Silicon Co., Ltd

Back Button DTA608 Datasheet HTML 6Page - First Silicon Co., Ltd DTA608 Datasheet HTML 7Page - First Silicon Co., Ltd DTA608 Datasheet HTML 8Page - First Silicon Co., Ltd DTA608 Datasheet HTML 9Page - First Silicon Co., Ltd DTA608 Datasheet HTML 10Page - First Silicon Co., Ltd DTA608 Datasheet HTML 11Page - First Silicon Co., Ltd DTA608 Datasheet HTML 12Page - First Silicon Co., Ltd DTA608 Datasheet HTML 13Page - First Silicon Co., Ltd DTA608 Datasheet HTML 14Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2008. 8. 28
10/11
Revision No : 0
DTA601~611, DTA617, DTA622
TYPICAL ELECTRICAL CHARACTERISTICS — DTA609
Figure 34. Maximum Collector Voltage versus
Collector Current
Figure 35. DC Current Gain
Figure 36. Output Capacitance
Figure 37. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 38. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
35
30
25
20
15
10
5
0
IC, COLLECTOR CURRENT (mA)
100
10
1
100
10
0.01
1000
1.4
0.6
60
50
40
30
20
10
0
0
0.2
0.4
0.8
1.0
100
6
5
4
3
2
1
0
0.001
1
10
11
9
8
7
100
15
10
5
0
1
10
20
25
50
45
40
0.1
0.01
10
1.2
f = 1 MHz
IE = 0 V
TA = 25°C
75°C
25°C
TA = −25°C
VO = 5 V
75°C
25°C
TA = −25°C
VO = 0.2 V
75°C
25°C
TA = −25°C
IC/IB = 10
VCE = 10 V
75°C
25°C
TA = −25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com