Electronic Components Datasheet Search
  English  ▼

X  

DWX302 Datasheet(PDF) 16 Page - First Silicon Co., Ltd

Part # DWX302
Description  Dual Bias Resistor Transistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DWX302 Datasheet(HTML) 16 Page - First Silicon Co., Ltd

Back Button DWX302 Datasheet HTML 12Page - First Silicon Co., Ltd DWX302 Datasheet HTML 13Page - First Silicon Co., Ltd DWX302 Datasheet HTML 14Page - First Silicon Co., Ltd DWX302 Datasheet HTML 15Page - First Silicon Co., Ltd DWX302 Datasheet HTML 16Page - First Silicon Co., Ltd DWX302 Datasheet HTML 17Page - First Silicon Co., Ltd DWX302 Datasheet HTML 18Page - First Silicon Co., Ltd DWX302 Datasheet HTML 19Page - First Silicon Co., Ltd DWX302 Datasheet HTML 20Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
2015. 01. 28
16/29
Revision No : 0
DWX Series
DWX Series
TYPICAL ELECTRICAL CHARACTERISTICS — DWX310 PNP TRANSISTOR
75°C
25°C
−25°C
Figure 57. VCE(sat) versus IC
Figure 58. DC Current Gain
Figure 59. Output Capacitance
Figure 60. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
Figure 61. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
50
40
20
10
0
IC, COLLECTOR CURRENT (mA)
100
10
1
100
10
1
0.001
1000
100
6
5
4
3
2
1
0
0.001
1
10
10
9
8
7
10
30
20
10
0
0.1
1
40
50
75°C
25°C
TA = −25°C
75°C
25°C
TA = −25°C
75°C
25°C
TA = −25°C
0.01
0.01
0.1
30
VR, REVERSE BIAS VOLTAGE (VOLTS)
4.5
1.5
45
50
40
30
20
10
0
0
0.5
1
2
4
35
25
15
5
3.5
3
2.5
f = 1 MHz
IE = 0 V
TA = 25°C
VO = 5 V
VO = 0.2 V
IC/IB = 10
VCE = 10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com