Electronic Components Datasheet Search
  English  ▼

X  

DWX307 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # DWX307
Description  Dual Bias Resistor Transistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DWX307 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  DWX307 Datasheet HTML 1Page - First Silicon Co., Ltd DWX307 Datasheet HTML 2Page - First Silicon Co., Ltd DWX307 Datasheet HTML 3Page - First Silicon Co., Ltd DWX307 Datasheet HTML 4Page - First Silicon Co., Ltd DWX307 Datasheet HTML 5Page - First Silicon Co., Ltd DWX307 Datasheet HTML 6Page - First Silicon Co., Ltd DWX307 Datasheet HTML 7Page - First Silicon Co., Ltd DWX307 Datasheet HTML 8Page - First Silicon Co., Ltd DWX307 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
2015. 01. 28
5/29
Revision No : 0
DWX Series
DWX Series
TYPICAL ELECTRICAL CHARACTERISTICS − DWX302 NPN TRANSISTOR
Figure 2. VCE(sat) versus IC
10
0
20
30
IC, COLLECTOR CURRENT (mA)
10
1
0.1
TA
°C
75°C
25°C
40
50
Figure 3. DC Current Gain
Figure 4. Output Capacitance
1
0.1
0.01
0.001
0
4
0
2
0
50
IC, COLLECTOR CURRENT (mA)
1000
100
10
0
0
1
0
1
1
IC, COLLECTOR CURRENT (mA)
TA
°C
25℃
−25℃
TA
°C
25℃
Figure 5. Output Current versus Input Voltage
75°C
25°C
TA
°C
100
10
1
0.1
0.01
0.001
0
1
2
3
4
Vin, INPUT VOLTAGE (VOLTS)
5
6
7
8
9
10
Figure 6. Input Voltage versus Output Current
50
0
10
20
30
40
4
3
1
2
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
75℃
VCE = 10V
f = 1 MHz
IE = 0 V
TA = 25°C
VO = 5 V
VO = 0.2 V
IC/IB= 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com