Electronic Components Datasheet Search
  English  ▼

X  

0443036 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0443036
Description  Ground modular terminal block - USLKG 16N-1
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0443036 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0443036 Datasheet HTML 1Page - PHOENIX CONTACT 0443036 Datasheet HTML 2Page - PHOENIX CONTACT 0443036 Datasheet HTML 3Page - PHOENIX CONTACT 0443036 Datasheet HTML 4Page - PHOENIX CONTACT 0443036 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/0443036
14.05.2012   Page 1 / 5
Ground modular terminal block - USLKG 16N-1 - 0443036
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Ground modular terminal block, Connection method: Screw connection, Cross section: 2.5 mm² - 25
mm², AWG 12 - 4, Width: 12.2 mm, Color: green-yellow, Mounting type: NS 35/15-2,3
Product description
Ground modular terminal block, Connection method: Screw connection, Cross section: 2.5 mm² - 25 mm², AWG 12 - 4, Width: 12.2 mm,
Color: green-yellow, Mounting type: NS 35/15-2,3
   
Key commercial data
Packing unit
1
Minimum order quantity
1
Catalog page
Page 413 (CL1-2011)
GTIN
Weight per piece (including packing)
0.0 GRM
Weight per Piece (excluding packing)
38.18 GRM
Country of origin
GERMANY
Technical data
General
Note
When aligning with a feed-through terminal block with the same
shape, an end cover must be interposed with insulation voltages of
> 690 V
Number of levels
1
Number of connections
2
Color
green-yellow
Insulating material
PA
Inflammability class according to UL 94
V0
Dimensions
Width
12.2 mm
Length
42.5 mm
Height NS 35/7.5
54 mm
Height NS 35/15
61.5 mm


Similar Part No. - 0443036

ManufacturerPart #DatasheetDescription
logo
Littelfuse
044303.5DR LITTELFUSE-044303.5DR Datasheet
170Kb / 4P
Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
More results

Similar Description - 0443036

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0441504 PHOENIX-0441504 Datasheet
86Kb / 7P
Ground modular terminal block - USLKG 5
0443010 PHOENIX-0443010 Datasheet
75Kb / 6P
Ground modular terminal block - USLKG 16
0443081 PHOENIX-0443081 Datasheet
67Kb / 5P
Ground modular terminal block - USLKG 2,5 N-1
0448015 PHOENIX-0448015 Datasheet
61Kb / 4P
Ground modular terminal block - USLKG 16-1
0452027 PHOENIX-0452027 Datasheet
63Kb / 5P
Ground modular terminal block - MSLKG 2,5
1410505 PHOENIX-1410505 Datasheet
76Kb / 5P
Ground modular terminal block - MSLKG 6
3000611 PHOENIX-3000611 Datasheet
71Kb / 5P
Ground modular terminal block - USLKG 3 N
3001776 PHOENIX-3001776 Datasheet
63Kb / 4P
Ground modular terminal block - UISLKG 35-1
3048195 PHOENIX-3048195 Datasheet
88Kb / 7P
Ground modular terminal block - USLKG 95 B
3005853 PHOENIX-3005853 Datasheet
153Kb / 12P
Ground modular terminal block - USLKG 1,5 N
09/12/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com