Electronic Components Datasheet Search
  English  ▼

X  

XT49S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XT49S
Description  Low Profile Holder Type Crystal Units
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XT49S Datasheet(HTML) 1 Page - Vishay Siliconix

  XT49S Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Document Number: 35014
For technical questions contact: frequency@vishay.com
www.vishay.com
Revision: 25-Aug-05
11
Low Profile Holder Type Crystal Units
XT49S
Vishay Dale
FEATURES
• Low cost
• Industry standard
• Wide frequency range
• Excellent aging
• 100 % Lead (Pb)-free and RoHS compliant
This part is a miniature AT cut strip crystal unit with a low
profile package. It is with resistance weld.
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITION
UNIT
MIN
TYPICAL
MAX
Frequency Range
FO
MHz
3.200
66.000
Frequency Tolerance
∆F/F
O
at 25 °C
ppm
±10
±30
±50
Temperature Stability
TC
ref to 25 °C
ppm
±10
±30
±50
Operating Temperature Range
TOPR
°C
-20
+70
Storing Temperature Range
TSTG
°C
-40
+85
Shunt Capacitance
CO
pF
7
Load Capacitance
CL
Customer Specified
pF
10
Series
Insulator Resistance
IR
100 VDC
M
Ω
500
Drive Level
DL
µW
100
500
Aging (first year)
Fa
at 25 °C, per year
ppm
-5.0
+5.0
DIMENSIONS in inches [millimeters]
EQUIVALENT SERIES RESISTANCE (ESR) AND MODE OF VIBRATION (MODE)
FREQUENCY RANGE (MHZ)
MAX ESR (
Ω)
MODE
FREQUENCY RANGE (MHZ)
MAX ESR (
Ω)MODE
3.200 to 4.499
150
Fundamental/AT
9.000 to 9.999
60
Fundamental/AT
4.500 to 5.999
120
Fundamental/AT
10.000 to 12.999
50
Fundamental/AT
6.000 to 6.999
100
Fundamental/AT
13.000 to 30.000
40
Fundamental/AT
7.000 to 7.999
90
Fundamental/AT
30.000 to 66.000
80
3rd Overtone
8.000 to 8.999
80
Fundamental/AT
ORDERING INFORMATION
XT49S
MODEL
R
OTR
Blank = Standard
R = -40 °C to +85 °C
-20
LOAD
Blank = Series
-16 = 16 pF
-20 = 20 pF Standard
-30 = 30 pF
-32 = 32 pF
SP
OPTIONS
Blank = Standard
SP = Spacer
SL = Sleeve
12 M
FREQUENCY/MHz
e2
JEDEC Lead (Pb)-
Free
STANDARD
GLOBAL PART NUMBER
MODEL
LOAD
PACKAGE
OPTIONS
FREQUENCY
CODE
X
T
9
X
X
S
2
0
A
N
A
0.403 [10.24] Max
0.192 0.008 [4.88
± 0.2]
0.435 [11.0] Max
0.183
[4.65] Max
0.500
[12.7] Min
0.146 [3.70] Max
Ø 0.017
± 0.002 [0.43 ± 0.05]
0.138
[3.5] Max
1
2
M
RoHS


Similar Part No. - XT49S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT49S VISHAY-XT49S Datasheet
78Kb / 3P
Low Profile Holder Type Crystal Units
22-Jul-15
XT49S-16SL12ME2 VISHAY-XT49S-16SL12ME2 Datasheet
72Kb / 3P
Low Profile Holder Type Crystal Units
19-Mar-10
XT49S-16SP12ME2 VISHAY-XT49S-16SP12ME2 Datasheet
72Kb / 3P
Low Profile Holder Type Crystal Units
19-Mar-10
XT49S-20SL12ME2 VISHAY-XT49S-20SL12ME2 Datasheet
72Kb / 3P
Low Profile Holder Type Crystal Units
19-Mar-10
XT49S-20SP12ME2 VISHAY-XT49S-20SP12ME2 Datasheet
72Kb / 3P
Low Profile Holder Type Crystal Units
19-Mar-10
More results

Similar Description - XT49S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT49SL VISHAY-XT49SL Datasheet
90Kb / 3P
Low Profile Holder Type Crystal Units
18-Oct-07
logo
RSG Electronic Componen...
HC-49S RSG-HC-49S Datasheet
162Kb / 1P
LOW PROFILE HOLDER TYPE CRYSTAL UNITS
HC-49U RSG-HC-49U Datasheet
145Kb / 1P
RESISTANCE WELDED HOLDER TYPE CRYSTAL UNITS
logo
Vishay Siliconix
XT49S VISHAY-XT49S_10 Datasheet
72Kb / 3P
Low Profile Holder Type Crystal Units
19-Mar-10
XT49M VISHAY-XT49M_13 Datasheet
109Kb / 3P
Low Profile SMD Type Crystal Units
19-Mar-10
XT49S VISHAY-XT49S_13 Datasheet
73Kb / 3P
Low Profile Holder Type Crystal Units
19-Mar-10
logo
Shenzhen Luguang Electr...
HC-49S LUGUANG-HC-49S Datasheet
440Kb / 2P
Low Profile Holder Type Crystal Units
logo
Vishay Siliconix
XT49M VISHAY-XT49M_V01 Datasheet
113Kb / 3P
Low Profile SMD Type Crystal Units
13-Jan-2020
XT49S VISHAY-XT49S_V01 Datasheet
78Kb / 3P
Low Profile Holder Type Crystal Units
22-Jul-15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com