Electronic Components Datasheet Search
  English  ▼

X  

AT30TS75 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT30TS75
Description  9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT30TS75 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT30TS75 Datasheet HTML 1Page - ATMEL Corporation AT30TS75 Datasheet HTML 2Page - ATMEL Corporation AT30TS75 Datasheet HTML 3Page - ATMEL Corporation AT30TS75 Datasheet HTML 4Page - ATMEL Corporation AT30TS75 Datasheet HTML 5Page - ATMEL Corporation AT30TS75 Datasheet HTML 6Page - ATMEL Corporation AT30TS75 Datasheet HTML 7Page - ATMEL Corporation AT30TS75 Datasheet HTML 8Page - ATMEL Corporation AT30TS75 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Atmel-8748E-DTS-AT30TS75-Datasheet_092013
NOT RECOMMENDED
FOR NEW DESIGNS
Replaced by
AT30TS74 and
AT30TS75A
Features
Single 2.7V – 5.5V supply
Measures temperature from -55 C to +125 C
Highly accurate temperature measurements requiring no external components
±1.0°C accuracy (typical) over the -5 C to +90 C range
±2.0°C accuracy (typical) over the -20 C to +125 C range
±3.0°C accuracy (typical) over the -40 C to +125 C range
User-configurable resolution
9 to 12 bits (0.5 C to 0.0625 C)
User-configurable high and low temperature limits
ALERT output pin for indicating temperature alarms
2-wire I2C and SMBus™ compatible serial interface
Supports SMBus Timeout
Supports SMBus Alert and Alert Response Address (ARA)
Selectable addressing allows up to eight devices on the same bus
I2C High-Speed (HS) mode compatible
3.4MHz maximum clock frequency
Built-in noise suppression filtering for clock and data input signals
Low power dissipation
75 A active current (typical) during temperature measurements
Shutdown mode to minimize power consumption
1 A shutdown current (typical)
One-shot mode for single temperature measurement while in Shutdown mode
Pin and software compatible to industry-standard LM75-type devices
Industry standard green (Pb/Halide-free/RoHS compliant) package options
8-lead SOIC (150-mil)
8-lead MSOP (3 x 3mm)
8-pad Ultra Thin DFN (UDFN - 2 x 3 x 0.6mm)
AT30TS75
9- to 12-bit Selectable, ±0.5°C Accurate
Digital Temperature Sensor
DATASHEET
See Applicable Errata in Section 12.


Similar Part No. - AT30TS75

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT30TS750 ATMEL-AT30TS750 Datasheet
1Mb / 50P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750A ATMEL-AT30TS750A Datasheet
1Mb / 48P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750A-MA8M-T ATMEL-AT30TS750A-MA8M-T Datasheet
1Mb / 48P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750A-SS8M-B ATMEL-AT30TS750A-SS8M-B Datasheet
1Mb / 48P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750A-SS8M-T ATMEL-AT30TS750A-SS8M-T Datasheet
1Mb / 48P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
More results

Similar Description - AT30TS75

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
logo
ATMEL Corporation
AT30TSE754-XM8-T ATMEL-AT30TSE754-XM8-T Datasheet
2Mb / 60P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers and Serial EEPROM
AT30TS750 ATMEL-AT30TS750 Datasheet
1Mb / 50P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TSE752A ATMEL-AT30TSE752A_14 Datasheet
1Mb / 57P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
logo
Analog Devices
ADT7408 AD-ADT7408_15 Datasheet
459Kb / 24P
2C Accurate, 12-Bit Digital Temperature Sensor
Rev. 0
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
짹0.5째C Accurate, 1.7V Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS750A ATMEL-AT30TS750A Datasheet
1Mb / 48P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TSE752 ATMEL-AT30TSE752 Datasheet
2Mb / 60P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers and Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com