Electronic Components Datasheet Search
  English  ▼

X  

PIC18F8722 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC18F8722
Description  64/80-Pin 1-Mbit Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8722 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC18F8722 Datasheet HTML 7Page - Microchip Technology PIC18F8722 Datasheet HTML 8Page - Microchip Technology PIC18F8722 Datasheet HTML 9Page - Microchip Technology PIC18F8722 Datasheet HTML 10Page - Microchip Technology PIC18F8722 Datasheet HTML 11Page - Microchip Technology PIC18F8722 Datasheet HTML 12Page - Microchip Technology PIC18F8722 Datasheet HTML 13Page - Microchip Technology PIC18F8722 Datasheet HTML 14Page - Microchip Technology PIC18F8722 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 444 page
background image
 2004 Microchip Technology Inc.
Advance Information
DS39646A-page 9
PIC18F6627/6722/8627/8722
TABLE 1-1:
DEVICE FEATURES
Features
PIC18F6627
PIC18F6722
PIC18F8627
PIC18F8722
Operating Frequency
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
Program Memory (Bytes)
96K
128K
96K
128K
Program Memory
(Instructions)
49152
65536
49152
65536
Data Memory (Bytes)
3936
3936
3936
3936
Data EEPROM Memory (Bytes)
1024
1024
1024
1024
Interrupt Sources
28282929
I/O Ports
Ports A, B, C, D, E, F, G
Ports A, B, C, D, E, F, G
Ports A, B, C, D, E,
F, G, H, J
Ports A, B, C, D, E,
F, G, H, J
Timers
5
5
5
5
Capture/Compare/PWM Modules
2
2
2
2
Enhanced
Capture/Compare/PWM Modules
333
3
Enhanced USART
2
2
2
2
Serial Communications
MSSP,
Enhanced USART
MSSP,
Enhanced USART
MSSP,
Enhanced USART
MSSP,
Enhanced USART
Parallel Communications (PSP)
Yes
Yes
Yes
Yes
10-bit Analog-to-Digital Module
12 Input Channels
12 Input Channels
16 Input Channels
16 Input Channels
Resets (and Delays)
POR, BOR,
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT, OST),
MCLR (optional), WDT
POR, BOR,
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT, OST),
MCLR (optional), WDT
POR, BOR,
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT, OST),
MCLR (optional), WDT
POR, BOR,
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT, OST),
MCLR (optional), WDT
Programmable
High/Low-Voltage Detect
Yes
Yes
Yes
Yes
Programmable Brown-out Reset
Yes
Yes
Yes
Yes
Instruction Set
75 Instructions;
83 with Extended
Instruction Set enabled
75 Instructions;
83 with Extended
Instruction Set enabled
75 Instructions;
83 with Extended
Instruction Set enabled
75 Instructions;
83 with Extended
Instruction Set enabled
Packages
64-pin TQFP
64-pin TQFP
80-pin TQFP
80-pin TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com