Electronic Components Datasheet Search
  English  ▼

X  

ABM4BAIG Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABM4BAIG
Description  Automotive Grade Ceramic SMD Low Profile Microprocessor Crystal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM4BAIG Datasheet(HTML) 2 Page - Abracon Corporation

  ABM4BAIG Datasheet HTML 1Page - Abracon Corporation ABM4BAIG Datasheet HTML 2Page - Abracon Corporation ABM4BAIG Datasheet HTML 3Page - Abracon Corporation ABM4BAIG Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 11.19.13
Visit www.abracon.com for Terms & Conditions of Sale
ABM4BAIG
RoHS
Compliant
Automotive Grade Ceramic SMD Low Profile Microprocessor Crystal
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb in glass
(exempt 7(c) - I per RoHS II 2011/65/EU Annex)
OUTLINE DIMENSIONS:
Dimensions: mm
REFLOW PROFILE:
7.0 x 5.0 x 1.6mm
Recommended Land Pattern



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com