Electronic Components Datasheet Search
  English  ▼

X  

ABM8W Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABM8W
Description  IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM8W Datasheet(HTML) 1 Page - Abracon Corporation

  ABM8W Datasheet HTML 1Page - Abracon Corporation ABM8W Datasheet HTML 2Page - Abracon Corporation ABM8W Datasheet HTML 3Page - Abracon Corporation ABM8W Datasheet HTML 4Page - Abracon Corporation ABM8W Datasheet HTML 5Page - Abracon Corporation ABM8W Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LLC
The Heartbeat of the IoT™
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 08.09.2018
IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
ABM8W SERIES
MSL = N/A: NOT APPLICABLE
Pb RoHS/RoHS II Compliant
3.2 x 2.5 x 0.75mm
STANDARD SPECIFICATIONS
FEATURES
APPLICATIONS
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range
10.0000
54.0000
MHz
Operation Mode
Fundamental
Operating Temperature Range
-40
+125
ºC
See options
Storage Temperature
-55
+125
ºC
Frequency Tolerance @ +25°C
-10
+10
ppm
See options
Frequency Stability over the Operating
Temperature ( ref. to +25°C)
-10
+10
ppm
See options
Equivalent series resistance (R1)
(over -40°C to +125°C)
< 100
200
Ω
10.0000 – 11.9999MHz
< 60
100
12.0000 – 15.9999MHz
< 40
70
16.0000 – 19.9999MHz
< 25
50
20.0000 – 29.9999MHz
< 20
40
30.0000 – 39.9999MHz
< 18
30
40.0000 – 54.0000MHz
Shunt capacitance (C0)
< 1.2
2.0
pF
Load capacitance (CL)
4.0
pF
See options
Drive Level
10
100
µW
Aging (1 year)
-2
+2
ppm
@ 25°C±3°C
Insulation Resistance
500
MΩ
@ 100Vdc ± 15V
• Optimized for energy saving wearables and IoT
applications
• Plated at exceptionally low plating capacitance,
as low as 4pF, with optimized ESR
• 0.75 mm max height ideally suited for height
constrained designs
• Seam sealed for longterm reliability
• Wearables
• Internet of Things (IoT)
• Bluetooth/Bluetooth Low Energy (BLE)
• Wireless modules
• Machine-to-machine (M2M) connectivity
• Ultra-low power MCU
• Near Field Communication (NFC)
• ISM Band


Similar Part No. - ABM8W

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM8 ABRACON-ABM8 Datasheet
200Kb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
07.10.07
ABM8 ABRACON-ABM8 Datasheet
245Kb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.30.07
ABM8 ABRACON-ABM8 Datasheet
1Mb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
03.07.12
ABM8 ABRACON-ABM8 Datasheet
1Mb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08/23/2018
ABM8-10.000MHZ ABRACON-ABM8-10.000MHZ Datasheet
1Mb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08/23/2018
More results

Similar Description - ABM8W

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM10-166-12.000MHZ ABRACON-ABM10-166-12.000MHZ Datasheet
547Kb / 3P
IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
06/21/2016
ABM11-140-26.000MHZ ABRACON-ABM11-140-26.000MHZ Datasheet
540Kb / 3P
IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
06/21/2016
ABM11-141-26.000MHZ ABRACON-ABM11-141-26.000MHZ Datasheet
573Kb / 3P
IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
06/21/2016
ABM11-142-27.120MHZ ABRACON-ABM11-142-27.120MHZ Datasheet
573Kb / 3P
IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
06/21/2016
ABM11-143-27.120MHZ ABRACON-ABM11-143-27.120MHZ Datasheet
571Kb / 3P
IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
06/21/2016
ABM12-118-27.120MHZ-T3 ABRACON-ABM12-118-27.120MHZ-T3 Datasheet
600Kb / 3P
IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
06/21/2016
ABM10W ABRACON-ABM10W Datasheet
1Mb / 6P
IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
08.09.2018
ABM11W ABRACON-ABM11W Datasheet
1Mb / 6P
IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
ABM12-117-27.120MHZ ABRACON-ABM12-117-27.120MHZ Datasheet
607Kb / 3P
IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
ABM12W ABRACON-ABM12W Datasheet
1Mb / 6P
IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com